전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 902 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 902 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 898Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 899Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 900Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 901Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 902Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 903Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 904Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 905Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 906Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 902 / 1348 page
background image
Chapter 23 DQ256 Port Integration Module (S12XDQ256PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
904
Freescale Semiconductor
External Signal Description
This section lists and describes the signals that do connect off-chip.
23.0.3
Signal Properties
Table 23-1 shows all the pins and their functions that are controlled by the PIM. Refer to Section ,
“Functional Description” for the availability of the individual pins in the different package options.
NOTE
If there is more than one function associated with a pin, the priority is
indicated by the position in the table from top (highest priority) to bottom
(lowest priority).
Table 23-1. Pin Functions and Priorities (Sheet 1 of 7)
Port
Pin Name
Pin Function
and Priority
I/O
Description
Pin Function
after Reset
—
BKGD
MODC1
I
MODC input during RESET
BKGD
BKGD
I/O
S12X_BDM communication pin
A
PA[7:0]
ADDR[15:8]
mux
IVD[15:8]2
O
High-order external bus address output
(multiplexed with IVIS data)
Mode
dependent3
GPIO
I/O
General-purpose I/O
B
PB[7:1]
ADDR[7:1]
mux
IVD[7:1]2
O
Low-order external bus address output
(multiplexed with IVIS data)
Mode
dependent3
GPIO
I/O
General-purpose I/O
PB[0]
ADDR[0]
mux
IVD02
O
Low-order external bus address output
(multiplexed with IVIS data)
UDS
O
Upper data strobe
GPIO
I/O
General-purpose I/O
C
PC[7:0]
DATA[15:8]
I/O
High-order bidirectional data input/output
Configurable for reduced input threshold
Mode
dependent3
GPIO
I/O
General-purpose I/O
D
PD[7:0]
DATA[7:0]
I/O
Low-order bidirectional data input/output
Configurable for reduced input threshold
Mode
dependent3
GPIO
I/O
General-purpose I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com