전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 919 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 919 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 915Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 916Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 917Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 918Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 919Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 920Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 921Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 922Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 923Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 919 / 1348 page
background image
23.0.5.2
Port B Data Register (PORTB)
Read: Anytime.
Write: Anytime.
23.0.5.3
Port A Data Direction Register (DDRA)
Read: Anytime. In emulation modes, read operations will return the data from the external bus, in
all other modes the data source is depending on the data direction value.
Write: Anytime. In emulation modes, write operations will also be directed to the external bus.
Table 23-4. PORTA Field Descriptions
Field
Description
7–0
PA[7:0]
Port A — Port A pins 7–0 are associated with address outputs ADDR15 through ADDR8 respectively inexpanded
modesWhen this port is not used for external addresses, these pins can be used as general purpose I/O. If the
data direction bits of the associated I/O pins are set to logic level “1”, a read returns the value of the port register,
otherwise the buffered pin input state is read.
76543210
R
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
W
Reset
00000000
Figure 23-4. Port B Data Register (PORTB)
Table 23-5. PORTB Field Descriptions
Field
Description
7–0
PB[7:0]
Port B — Port B pins 7–0 are associated with address outputs ADDR7 through ADDR1 respectively in expanded
modes. Pin 0 is associated with output ADDR0 in emulation modes and special test mode and with Upper Data
Select (UDS) in normal expanded mode. When this port is not used for external addresses, these pins can be
used as general purpose I/O. If the data direction bits of the associated I/O pins are set to logic level “1”, a read
returns the value of the port register, otherwise the buffered pin input state is read.
76543210
R
DDRA7
DDRA6
DDRA5
DDRA4
DDRA3
DDRA2
DDRA1
DDRA0
W
Reset
00000000
Figure 23-5. Port A Data Direction Register (DDRA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com