전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1024 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1024 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1020Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1021Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1022Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1023Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1024Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1025Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1026Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1027Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1028Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1024 / 1348 page
background image
Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
1026
Freescale Semiconductor
24.0.5.61 Port AD1 Data Direction Register 1 (DDR1AD1)
Read: Anytime.
Write: Anytime.
This register configures pins PAD[7:0] as either input or output.
24.0.5.62 Port AD1 Reduced Drive Register 0 (RDR0AD1)
Read: Anytime.
Write: Anytime.
This register configures the drive strength of each PAD[15:8] output pin as either full or reduced. If the
port is used as input this bit is ignored.
76543210
R
DDR1AD17
DDR1AD16
DDR1AD15
DDR1AD14
DDR1AD13
DDR1AD12
DDR1AD11
DDR1AD10
W
Reset
00000000
Figure 24-63. Port AD1 Data Direction Register 1 (DDR1AD1)
Table 24-55. DDR1AD1 Field Descriptions
Field
Description
7–0
DDR1AD1[7:0]
Data Direction Port AD1 Register 1
0 Associated pin is configured as input.
1 Associated pin is configured as output.
Note: Due to internal synchronization circuits, it can take up to 2 bus clock cycles until the correct value is
read on PTAD11 register, when changing the DDR1AD1 register.
Note: To use the digital input function on port AD1 the ATD1 digital input enable register (ATD1DIEN1) has
to be set to logic level “1”.
76543210
R
RDR0AD115 RDR0AD114 RDR0AD113 RDR0AD112 RDR0AD111 RDR0AD110
RDR0AD19
RDR0AD18
W
Reset
00000000
Figure 24-64. Port AD1 Reduced Drive Register 0 (RDR0AD1)
Table 24-56. RDR0AD1 Field Descriptions
Field
Description
7–0
RDR0AD1[15:8]
Reduced Drive Port AD1 Register 0
0 Full drive strength at output.
1 Associated pin drives at about 1/6 of the full drive strength.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com