전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 103 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 99Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 100Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 101Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 102Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 103Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 104Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 105Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 106Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 1348 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
103
NOTE
Remember that in parallel to additional actions caused by self clock mode
or clock monitor reset1 handling the clock quality checker continues to
check the OSCCLK signal.
The clock quality checker enables the PLL and the voltage regulator
(VREG) anytime a clock check has to be performed. An ongoing clock
quality check could also cause a running PLL (fSCM) and an active VREG
during pseudo stop mode or wait mode.
2.4.1.5
Computer Operating Properly Watchdog (COP)
The COP (free running watchdog timer) enables the user to check that a program is running and
sequencing properly. When the COP is being used, software is responsible for keeping the COP from
timing out. If the COP times out it is an indication that the software is no longer being executed in the
intended sequence; thus a system reset is initiated (see Section 2.4.1.5, “Computer Operating Properly
Watchdog (COP)”). The COP runs with a gated OSCCLK. Three control bits in the COPCTL register
allow selection of seven COP time-out periods.
When COP is enabled, the program must write 0x_55 and 0x_AA (in this order) to the ARMCOP register
during the selected time-out period. Once this is done, the COP time-out period is restarted. If the program
fails to do this and the COP times out, the part will reset. Also, if any value other than 0x_55 or 0x_AA is
written, the part is immediately reset.
Windowed COP operation is enabled by setting WCOP in the COPCTL register. In this mode, writes to
the ARMCOP register to clear the COP timer must occur in the last 25% of the selected time-out period.
A premature write will immediately reset the part.
If PCE bit is set, the COP will continue to run in pseudo stop mode.
2.4.1.6
Real Time Interrupt (RTI)
The RTI can be used to generate a hardware interrupt at a fixed periodic rate. If enabled (by setting
RTIE = 1), this interrupt will occur at the rate selected by the RTICTL register. The RTI runs with a gated
OSCCLK. At the end of the RTI time-out period the RTIF flag is set to 1 and a new RTI time-out period
starts immediately.
A write to the RTICTL register restarts the RTI time-out period.
If the PRE bit is set, the RTI will continue to run in pseudo stop mode.
2.4.2
Operating Modes
2.4.2.1
Normal Mode
The CRG block behaves as described within this specification in all normal modes.
1. A Clock Monitor Reset will always set the SCME bit to logical 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com