전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1083 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1083 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1079Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1080Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1081Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1082Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1083Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1084Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1085Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1086Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1087Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1083 / 1348 page
background image
Chapter 26 4 Kbyte EEPROM Module (S12XEETX4KV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
1085
The EADDRHI and EADDRLO registers are the EEPROM address registers.
All EABHI and EABLO bits read 0 and are not writable in normal modes.
All EABHI and EABLO bits are readable and writable in special modes.
The MCU address bit AB0 is not stored in the EADDR registers since the EEPROM block is not byte
addressable.
26.3.2.9
EEPROM Data Registers (EDATA)
The EDATAHI and EDATALO registers are the EEPROM data registers.
All EDHI and EDLO bits read 0 and are not writable in normal modes.
76543210
R
00000
EABHI
W
Reset
00000000
= Unimplemented or Reserved
Figure 26-13. EEPROM Address High Register (EADDRHI)
76543210
R
EABLO
W
Reset
00000000
= Unimplemented or Reserved
Figure 26-14. EEPROM Address Low Register (EADDRLO)
76543210
R
EDHI
W
Reset
00000000
= Unimplemented or Reserved
Figure 26-15. EEPROM Data High Register (EDATAHI)
76543210
R
EDLO
W
Reset
00000000
= Unimplemented or Reserved
Figure 26-16. EEPROM Data Low Register (EDATALO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com