전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1105 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1105 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1101Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1102Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1103Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1104Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1105Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1106Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1107Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1108Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1105 / 1348 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
1107
Chapter 27
512 Kbyte Flash Module (S12XFTX512K4V2)
27.1
Introduction
This document describes the FTX512K4 module that includes a 512K Kbyte Flash (nonvolatile) memory.
The Flash memory may be read as either bytes, aligned words or misaligned words. Read access time is
one bus cycle for bytes and aligned words, and two bus cycles for misaligned words.
The Flash memory is ideal for program and data storage for single-supply applications allowing for field
reprogramming without requiring external voltage sources for program or erase. Program and erase
functions are controlled by a command driven interface. The Flash module supports both block erase and
sector erase. An erased bit reads 1 and a programmed bit reads 0. The high voltage required to program
and erase the Flash memory is generated internally. It is not possible to read from a Flash block while it is
being erased or programmed.
CAUTION
A Flash word must be in the erased state before being programmed.
Cumulative programming of bits within a Flash word is not allowed.
27.1.1
Glossary
Command Write Sequence — A three-step MCU instruction sequence to execute built-in algorithms
(including program and erase) on the Flash memory.
Multiple-Input Signature Register (MISR) — A Multiple-Input Signature Register is an output
response analyzer implemented using a linear feedback shift-register (LFSR). A 16-bit MISR is used to
compress data and generate a signature that is particular to the data read from a Flash block.
27.1.2
Features
•
512 Kbytes of Flash memory comprised of four 128 Kbyte blocks with each block divided into
128 sectors of 1024 bytes
•
Automated program and erase algorithm
•
Interrupts on Flash command completion, command buffer empty
•
Fast sector erase and word program operation
•
2-stage command pipeline for faster multi-word program times
•
Sector erase abort feature for critical interrupt response
•
Flexible protection scheme to prevent accidental program or erase
•
Single power supply for all Flash operations including program and erase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com