전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1112 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1112 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1108Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1109Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1110Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1111Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1112Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1113Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1114Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1115Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1112 / 1348 page
background image
Chapter 27 512 Kbyte Flash Module (S12XFTX512K4V2)
MC9S12XDP512 Data Sheet, Rev. 2.21
1114
Freescale Semiconductor
27.3.2.1
Flash Clock Divider Register (FCLKDIV)
The FCLKDIV register is used to control timed events in program and erase algorithms.
All bits in the FCLKDIV register are readable, bits 6-0 are write once and bit 7 is not writable.
27.3.2.2
Flash Security Register (FSEC)
The FSEC register holds all bits associated with the security of the MCU and Flash module.
RESERVED2
R
0
0000000
W
RESERVED3
R
0
0000000
W
RESERVED4
R
0
0000000
W
76543210
R
FDIVLD
PRDIV8
FDIV5
FDIV4
FDIV3
FDIV2
FDIV1
FDIV0
W
Reset
00000000
= Unimplemented or Reserved
Figure 27-4. Flash Clock Divider Register (FCLKDIV)
Table 27-3. FCLKDIV Field Descriptions
Field
Description
7
FDIVLD
Clock Divider Loaded.
0 Register has not been written.
1 Register has been written to since the last reset.
6
PRDIV8
Enable Prescalar by 8
.
0 The oscillator clock is directly fed into the clock divider
.
1 The oscillator clock is divided by 8 before feeding into the clock divider.
5-0
FDIV[5:0]
Clock Divider Bits — The combination of PRDIV8 and FDIV[5:0] must divide the oscillator clock down to a
frequency of 150 kHz–200 kHz. The maximum divide ratio is 512. Please refer to Section 27.4.1.1, “Writing the
FCLKDIV Register” for more information.
Register
Name
Bit 7
654321
Bit 0
Figure 27-3. FTX512K4 Register Summary (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com