전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1145 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1145 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1141Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1142Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1143Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1144Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1145Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1146Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1147Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1148Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1149Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1145 / 1348 page
background image
Chapter 27 512 Kbyte Flash Module (S12XFTX512K4V2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
1147
unaffected by the backdoor key access sequence. After the next reset of the MCU, the security state of the
Flash module is determined by the Flash security byte (0x7F_FF0F). The backdoor key access sequence
has no effect on the program and erase protections defined in the Flash protection register.
It is not possible to unsecure the MCU in special single chip mode by using the backdoor key access
sequence in background debug mode (BDM).
27.6.2
Unsecuring the MCU in Special Single Chip Mode using BDM
The MCU can be unsecured in special single chip mode by erasing the Flash module by the following
method:
•
Reset the MCU into special single chip mode, delay while the erase test is performed by the BDM
secure ROM, send BDM commands to disable protection in the Flash module, and execute a mass
erase command write sequence to erase the Flash memory.
After the CCIF flag sets to indicate that the mass operation has completed, reset the MCU into special
single chip mode. The BDM secure ROM will verify that the Flash memory is erased and will assert the
UNSEC bit in the BDM status register. This BDM action will cause the MCU to override the Flash security
state and the MCU will be unsecured. All BDM commands will be enabled and the Flash security byte
may be programmed to the unsecure state by the following method:
•
Send BDM commands to execute a word program sequence to program the Flash security byte to
the unsecured state and reset the MCU.
27.7
Resets
27.7.1
Flash Reset Sequence
On each reset, the Flash module executes a reset sequence to hold CPU activity while loading the following
registers from the Flash memory according to Table 27-1:
•
FPROT — Flash Protection Register (see Section 27.3.2.5).
•
FCTL - Flash Control Register (see Section 27.3.2.8).
•
FSEC — Flash Security Register (see Section 27.3.2.2).
27.7.2
Reset While Flash Command Active
If a reset occurs while any Flash command is in progress, that command will be immediately aborted. The
state of the word being programmed or the sector/block being erased is not guaranteed.
27.8
Interrupts
The Flash module can generate an interrupt when all Flash command operations have completed, when the
Flash address, data and command buffers are empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com