전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1225 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1225 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1221Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1222Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1223Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1224Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1225Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1226Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1227Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1228Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1229Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1225 / 1348 page
background image
Chapter 29 128 Kbyte Flash Module (S12XFTX128K1V1)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
1227
29.5
Operating Modes
29.5.1
Wait Mode
If a command is active (CCIF = 0) when the MCU enters wait mode, the active command and any buffered
command will be completed.
The Flash module can recover the MCU from wait mode if the CBEIF and CCIF interrupts are enabled
(see Section 29.8, “Interrupts”).
29.5.2
Stop Mode
If a command is active (CCIF = 0) when the MCU enters stop mode, the operation will be aborted and, if
the operation is program or erase, the Flash array data being programmed or erased may be corrupted and
the CCIF and ACCERR flags will be set. If active, the high voltage circuitry to the Flash memory will
immediately be switched off when entering stop mode. Upon exit from stop mode, the CBEIF flag is set
and any buffered command will not be launched. The ACCERR flag must be cleared before starting a
command write sequence (see Section 29.4.1.2, “Command Write Sequence”).
NOTE
As active commands are immediately aborted when the MCU enters stop
mode, it is strongly recommended that the user does not use the STOP
instruction during program or erase operations.
29.5.3
Background Debug Mode
In background debug mode (BDM), the FPROT register is writable. If the MCU is unsecured, then all
Flash commands listed in Table 29-18 can be executed. If the MCU is secured and is in special single chip
mode, only mass erase can be executed.
29.6
Flash Module Security
The Flash module provides the necessary security information to the MCU. After each reset, the Flash
module determines the security state of the MCU as defined in Section 29.3.2.2, “Flash Security Register
(FSEC)”.
The contents of the Flash security byte at 0x7F_FF0F in the Flash Configuration Field must be changed
directly by programming 0x7F_FF0F when the MCU is unsecured and the higher address sector is
unprotected. If the Flash security byte is left in a secured state, any reset will cause the MCU to initialize
to a secure operating mode.
29.6.1
Unsecuring the MCU using Backdoor Key Access
The MCU may be unsecured by using the backdoor key access feature which requires knowledge of the
contents of the backdoor keys (four 16-bit words programmed at addresses 0x7F_FF00–0x7F_FF07). If
the KEYEN[1:0] bits are in the enabled state (see Section 29.3.2.2, “Flash Security Register (FSEC)”) and
the KEYACC bit is set, a write to a backdoor key address in the Flash memory triggers a comparison



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com