전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1277 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1277 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1273Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1274Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1275Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1276Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1277Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1278Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1279Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1280Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1281Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1277 / 1348 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
1279
A.8
External Bus Timing
The following conditions are assumed for all following external bus timing values:
•
Crystal input within 45% to 55% duty
•
Equal loads of pins
•
Pad full drive (reduced drive must be off)
A.8.1
Normal Expanded Mode (External Wait Feature Disabled)
Figure A-11. Example 1a: Normal Expanded Mode — Read Followed by Write
CSx
ADDRx
RE
DATAx
ADDR1
ADDR2
(Read) DATA1
(Write) DATA2
WE
EWAIT
UDS, LDS
1
3
5
6
7
1
9
8
10
11
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com