전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1302 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1302 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1298Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1299Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1300Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1301Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1302Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1303Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1304Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1305Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1306Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1302 / 1348 page
background image
Appendix E Derivative Differences
MC9S12XDP512 Data Sheet, Rev. 2.21
1304
Freescale Semiconductor
E.4
MC9S12XD/A/B -Family SRAM & EEPROM Configuration
Table E-4. Available EEPROM Pages on MC9S12XD-Family
Figure E-2. Available RAM Pages on S12XD-Family1
1 On 9S12XD256 14K byte RAM available pages FF,FE,FD and upper half of page FC
On 9S12XB256 10K byte RAM available pages FF, FE upper half of page FD
On 9S12XB218 6K byte RAM available pages FF and upper half of page FE
RAM Page
RP[7:0]
DP512
A512
DT512
DT384
DQ256
A256
DG128
A128
D128
D64
0xF6
0xF7
0xF8
32K Byte
0xF9
0xFA
0xFB
20K Byte
0xFC
16K Byte
0xFD
12K Byte
0xFE
8K Byte
0xFF
4K Byte
EEPROM
Page
EP[7:0]
DP512
DT512
DT384
DQ256
A256
A512
DG128
D128
A128
B256
D64
B128
0xFA
0xFB
0xFC
4K Byte
0xFD
0xFE
2K Byte
0xFF
1K Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com