전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 1343 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 1343 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 1339Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1340Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1341Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1342Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1343Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1344Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1345Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1346Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 1347Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1343 / 1348 page
background image
Appendix G Detailed Register Map
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
1345
0x0354
PITLD3 (hi)
R
PLD15
PLD14
PLD13
PLD12
PLD11
PLD10
PLD9
PLD8
W
0x0355
PITLD3 (lo)
R
PLD7
PLD6
PLD5
PLD4
PLD3
PLD2
PLD1
PLD0
W
0x0356
PITCNT3 (hi)
R
PCNT15
PCNT14
PCNT13
PCNT12
PCNT11
PCNT10
PCNT9
PCNT8
W
0x0357
PITCNT3 (lo)
R
PCNT7
PCNT6
PCNT5
PCNT4
PCNT3
PCNT2
PCNT1
PCNT0
W
0x0358–
0x0367
Reserved
R
0
0000000
W
0x0368–0x037F Reserved
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x0368–
0x037F
Reserved
R
0
0000000
W
0x0380–0x03BF XGATE Map (Sheet 1 of 3)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x0380
XGMCTL
R
0
000000
XGIEM
W
XGEM
XGFRZM
XGDBGM
XGSSM
XGFACTM
XGS
WEIFM
0x0381
XGMCTL
R
XGE
XGFRZ
XGDBG
XGSS
XGFACT
0
XGSWEIF
XGIE
W
0x0382
XGCHID
R
0
XGCHID[6:0]
W
0x0383
Reserved
R
0
0000000
W
0x0384
XGVBR
R
0
0000000
W
0x0385
XGVBR
R
0
000
00
0
00
W
0x0386
XGVBR
R
XGVBR[15:8]
W
0x0387
XGVBR
R
XGVBR[7:1]
0
W
0x0388
XGIF
R
0
000000
XGIF_78
W
0x0389
XGIF
R
XGIF_77
XGIF_76
XGIF_75
XGIF_74
XGIF_73
XGIF_72
XGIF_71
XGIF_70
W
0x038A
XGIF
R
XGIF_6F
XGIF_6E
XGIF_6D
XGIF_6C
XGIF_6B
XGIF_6A
XGIF_69
XGIF_68
W
0x023B
XGIF
R
XGIF_67
XGIF_66
XGIF_65
XGIF_64
XGIF_63
XGIF_62
XGIF_61
XGIF_60
W
0x023C
XGIF
R
XGIF_5F
XGIF_5E
XGIF_5D
XGIF_5C
XGIF_5B
XGIF_5A
XGIF_59
XGIF_58
W
0x0340–0x0367 Periodic Interrupt Timer (PIT) Map (continued)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com