전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0MFVR 데이터시트(PDF) 186 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0MFVR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0MFVR 데이터시트(HTML) 186 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0MFVR Datasheet HTML 182Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 183Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 184Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 185Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 186Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 187Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 188Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 189Page - Freescale Semiconductor, Inc PC912XDP512F0MFVR Datasheet HTML 190Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 1348 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
186
Freescale Semiconductor
6.3
Memory Map and Register Definition
This section provides a detailed description of address space and registers used by the XGATE module.
The memory map for the XGATE module is given below in Figure 6-2.The address listed for each register
is the sum of a base address and an address offset. The base address is defined at the SoC level and the
address offset is defined at the module level. Reserved registers read zero. Write accesses to the reserved
registers have no effect.
6.3.1
Register Descriptions
This section consists of register descriptions in address order. Each description includes a standard register
diagram with an associated figure number. Details of register bit and field function follow the register
diagrams, in bit order.
Register
Name
15
14
13
12
11
10
9876543210
XGMCTL
R
00000000
XGE XGFRZ XGDBG XGSS
XG
FACT
0
XG
SWEIF
XGIE
W
XGEM
XG
FRZM
XG
DBGM
XGSSM
XG
FACTM
XG
SWEIFM
XGIEM
XGMCHID R
0
XGCHID[6:0]
W
Reserved
R
W
Reserved
R
W
Reserved
R
W
XGVBR
R
XGVBR[15:1]
0
W
= Unimplemented or Reserved
Figure 6-2. XGATE Register Summary (Sheet 1 of 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com