전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

910GL 데이터시트(PDF) 74 Page - Intel Corporation

부품명 910GL
상세설명  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

910GL 데이터시트(HTML) 74 Page - Intel Corporation

Back Button 910GL Datasheet HTML 70Page - Intel Corporation 910GL Datasheet HTML 71Page - Intel Corporation 910GL Datasheet HTML 72Page - Intel Corporation 910GL Datasheet HTML 73Page - Intel Corporation 910GL Datasheet HTML 74Page - Intel Corporation 910GL Datasheet HTML 75Page - Intel Corporation 910GL Datasheet HTML 76Page - Intel Corporation 910GL Datasheet HTML 77Page - Intel Corporation 910GL Datasheet HTML 78Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 426 page
background image
Host Bridge/DRAM Controller Registers (D0:F0)
R
74
Datasheet
4.1.12
EPBAR—Egress Port Base Address (D0:F0)
PCI Device:
0
Address Offset:
40h
Default Value:
00000000h
Access:
RO
Size:
32 bits
This is the base address for the Egress Port MMIO configuration space. There is no physical
memory within this 4-KB window that can be addressed. The 4 KB reserved by this register does
not alias to any PCI 2.3 compliant memory-mapped space.
On reset, this register is disabled and must be enabled by writing a 1 to EPBAREN[Dev 0, offset
54h, bit 27]
Bit
Access &
Default
Description
31:12
R/W
00000h
Egress Port MMIO Base Address: This field corresponds to bits 31 to 12 of the
base address Egress Port MMIO configuration space.
BIOS will program this register resulting in a base address for a 4-KB block of
contiguous memory address space. This register ensures that a naturally aligned
4-KB space is allocated within total addressable memory space of 4 GB.
System software uses this base address to program the (G)MCH MMIO register
set.
11:0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More