전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C5NPD0-DS 데이터시트(PDF) 63 Page - Freescale Semiconductor, Inc

부품명 C5NPD0-DS
상세설명  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS 데이터시트(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 59Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 60Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 61Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 62Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 63Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 64Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 65Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 66Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 100 page
background image
JTAG Support
63
V 04
JTAG Support
The C-5 NP contains JTAG test logic compliant with the IEEE 1149.1 specification. All
required public instructions are implemented, as well as some optional instructions. This
section contains information regarding the pinout, instructions, identification codes, and
boundary scan cell types.
Pinout
The C-5 NP uses the standard JTAG pins including the optional test reset pin. Table 28
describes the pins and their functions. Note that pins for JTRSTX, JTDI, and JTMS require
external pullups on the board. These ports do not have internal pullups as required by the
1149.1 specification.
AB 1-29
AB1
CP3_0
AB9
CP5_1
AB17
CP4_5
AB25
CP2_4
AB2
CP3_1
AB10
CP5_2
AB18
CP4_4
AB26
CP2_3
AB3
CP3_2
AB11
CP5_3
AB19
CP4_3
AB27
CP2_2
AB4
CP3_3
AB12
CP5_4
AB20
CP4_2
AB28
CP2_1
AB5
CP3_4
AB13
CP5_5
AB21
CP4_1
AB29
CP2_0
AB6
CP3_5
AB14
CP5_6
AB22
CP4_0
AB7
CP3_6
AB15
JTDI
AB23
CP2_6
AB8
CP5_0
AB16
CP4_6
AB24
CP2_5
AC 1-29
AC1
VSS
AC9
VSS
AC17
VSS
AC25
VSS
AC2
CP1_0
AC10
CP1_4
AC18
CP0_5
AC26
CP0_1
AC3
VDD
AC11
VDD33
AC19
VDD
AC27
VDD
AC4
CP1_1
AC12
CP1_5
AC20
CP0_4
AC28
CP0_0
AC5
VSS
AC13
VSS
AC21
VSS
AC29
VSS
AC6
CP1_2
AC14
CP1_6
AC22
CP0_3
AC7
VDD
AC15
VDD
AC23
VDD33
AC8
CP1_3
AC16
CP0_6
AC24
CP0_2
Table 30 Signals Listed by Pin Number (continued)
PIN
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100