전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LE25LB642CT 데이터시트(PDF) 8 Page - Sanyo Semicon Device

부품명 LE25LB642CT
상세설명  Serial SPI EEPROM (SPI Bus)(64Kbit)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25LB642CT 데이터시트(HTML) 8 Page - Sanyo Semicon Device

Back Button LE25LB642CT Datasheet HTML 4Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 5Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 6Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 7Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 8Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 9Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 10Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 11Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LE25LB642CT
2. Status Registers
The status registers read the operating and setting statuses inside the device from outside (status register read) and set
the protect information (status register write). There are 8 bits in total, and “Table 2 Status Registers” gives the
significance of each bit.
Table 2 Status Registers
Bit
Name
Logic
Function
Power-on time
Information
0
Ready
Bit0
RDY
1
Busy (in write operation)
0
0
Write disabled
Bit1
WEN
1
Write enabled
0
0
Bit2
BP0
1
Nonvolatile
information
0
Bit3
BP1
1
Block protect information
See status register description on BP0 and BP1
Nonvolatile
information
Bit4
×
0
Reserved bit
0
Bit5
×
0
Reserved bit
0
Bit6
×
0
Reserved bit
0
0
Status register write enabled
Bit7
SRWP
1
Status register write disabled
Nonvolatile
information
No.NA1471-8/14
2-1. Status Register Read (RDSR)
The contents of the status registers can be read using the status register read command. This command can be executed
even during write operation.
“Figure 5 Status Register READ” shows the timing waveforms of status register read. Consisting only of the first bus
cycle, the status register command outputs the contents of the status registers synchronized to the falling edge of the
clock (SCK) with which the eighth bit of (05h) has been input. In terms of the output sequence, SRWP (bit7) is the first
to be output, and each time one clock is input, all the other bits up to RDY (bit0) are output in sequence, synchronized
to the falling clock edge. If the clock input is continued after RDY (bit0) has been output, the data is output by returning
to the bit (SRWP) that was first output, after which the output is repeated as long as the clock input is continued. The
data can be read by the status register read command at any time.
Figure 5 Status Register Read
CS
SCK
SI
SO
0
Mode3
8CLK
Hight Impedance
Status Register Out
7 6
5 4 3
2107
05h
Mode0
12345
6 78
9 10 11 12 13 14 15
(00000101)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com