전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LE25LB642CT 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LE25LB642CT
상세설명  Serial SPI EEPROM (SPI Bus)(64Kbit)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25LB642CT 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LE25LB642CT Datasheet HTML 1Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 2Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 3Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 4Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 5Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 6Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 7Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 8Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LE25LB642CT
No.NA1471-3/14
CS = VDD, VIN = VDD or VSS
VDD = 3.6V
3
μA
CMOS standby current
ISB
CS = VDD, VIN = VDD or VSS
VDD = 2.5V
2
μA
Input leakage current
ILI
VIN = VSS to VDD, VDD = VDD max.
-2
2
μA
Output leakage current
ILO
VIN = VSS to VDD, VDD = VDD max.
-2
2
μA
Input low voltage
VIL
VDD = VDD max.
-0.3
0.3VDD
V
Input high voltage
VIH
VDD = VDD min.
0.7VDD
VDD+0.3
V
VOL1
IOL = 2.0mA, VDD = 3.6V
0.4
V
VOL2
IOL = 1.5mA, VDD = 2.5V
0.4
V
Output low voltage
VOL3
IOL = 0.15mA, VDD = 1.8V
0.3
V
VOH1
IOH = -2.0mA, VDD = 3.6V
0.8VDD
V
VOH2
IOH = -0.4mA, VDD = 2.5V
0.8VDD
V
Output high voltage
VOH3
IOH = -0.1mA, VDD = 1.8V
0.8VDD
V
Capacitance at Ta = 25
°C, f = 1.0MHz
Parameter
Symbol
Conditions
min
typ
max
Unit
Output pin capacitance
CDQ
VDQ = 0V
12
pF
Input pin capacitance
CIN
VIN = 0V
6
pF
Note : These parameters are sampled and not 100% tested.
AC Electrical Characteristics
Input pulse level
0.2×VDD to 0.8×VDD
Input pulse rise/fall time
10ns
Output detection voltage
0.5×VDD
Output load
30pF
AC Characteristics (at FCLK = 5MHz)/VDD = 2.5V to 3.6V
Parameter
Symbol
Conditions
min
typ
max
Unit
Clock frequency
FCLK
5
MHz
SCK logic high level pulse width
tCLHI
90
ns
SCK logic low level pulse width
tCLLO
90
ns
Input signal rise/fall time
tRF
1
us
CS setup time
tCSS
90
ns
SCK setup time
tCLS
90
ns
Data setup time
tDS
20
ns
Data hold time
tDH
30
ns
CS hold time
tCSH
90
ns
SCK hold time
tCLH
90
ns
CS standby pulse width
tCPH
90
ns
CS output high impedance time
tCHZ
150
ns
SCK output data time
tV
80
ns
Output data hold time
tHO
0
ns
WP setup time
tWPS
30
ns
WP hold time
tWPH
30
ns
HOLD setup time
tHS
30
ns
HOLD hold time
tHH
30
ns
HOLD output low impedance time
tHLz
50
ns
HOLD output high impedance time
tHHz
100
ns
Write cycle time
tWC
10
ms
SCK output low impedance time
tCLZ
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com