전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LE25LB642CT 데이터시트(PDF) 12 Page - Sanyo Semicon Device

부품명 LE25LB642CT
상세설명  Serial SPI EEPROM (SPI Bus)(64Kbit)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25LB642CT 데이터시트(HTML) 12 Page - Sanyo Semicon Device

Back Button LE25LB642CT Datasheet HTML 6Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 7Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 8Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 9Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 10Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 11Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 12Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 13Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
LE25LB642CT
7. Hardware Data Protection
In order to protect against unintentional writing at power-on, the LE25LB642CT incorporates a power-on reset
function.
8. Software Data Protection
This product eliminates the possibility of unintentional operations by not recognizing commands under the following
conditions.
• When a write command is input and the rising CS edge timing is not in a bus cycle (8CLK units of SCK).
• When the write data is not in 1-byte increments.
• When the status register write command is input for 2bus cycles or more.
No.NA1471-12/14
9. Power-on
In order to protect against unintentional writing, CS must be kept at VDD at power-on. After power-on, the supply
voltage has stabilized at 1.8V or higher, wait for 10
μs (tPU_READ) before inputting the command to start a read
operation. Similarly, wait for 10ms (tPU_WRITE) after the supply voltage has stabilized at 1.8V or higher before
inputting the command to start a write operation.
10. Decoupling Capacitor
A0.1
μF ceramic capacitor must be provided to each device and connected between VDD and VSS in order to ensure
that the device will operate stably.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com