전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LE25LB642CT 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LE25LB642CT
상세설명  Serial SPI EEPROM (SPI Bus)(64Kbit)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25LB642CT 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LE25LB642CT Datasheet HTML 1Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 2Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 3Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 4Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 5Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 6Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 7Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 8Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LE25LB642CT
AC Characteristics (at FCLK = 3MHz)/VDD = 1.8V to 3.6V
Parameter
Symbol
Conditions
min
typ
max
Unit
Clock frequency
FCLK
3
MHz
SCK logic high level pulse width
tCLHI
120
ns
SCK logic low level pulse width
tCLLO
120
ns
Input signal rise/fall time
tRF
1
us
CS setup time
tCSS
100
ns
SCK setup time
tCLS
100
ns
Data setup time
tDS
30
ns
Data hold time
tDH
50
ns
No.NA1471-4/14
CS hold time
tCSH
100
ns
SCK hold time
tCLH
150
ns
CS standby pulse width
tCPH
120
ns
CS output high impedance time
tCHZ
200
ns
SCK output data time
tV
150
ns
Output data hold time
tHO
0
ns
WP setup time
tWPS
30
ns
WP hold time
tWPH
30
ns
HOLD setup time
tHS
30
ns
HOLD hold time
tHH
30
ns
HOLD output low impedance time
tHLz
120
ns
HOLD output high impedance time
tHHz
120
ns
Write cycle time
tWC
10
ms
SCK output low impedance time
tCLZ
0
ns
Table 1 Command Settings
Command
1st bus
cycle
2nd bus
cycle
3rd bus
cycle
4th bus
cycle
5th bus
cycle
6th bus
cycle
nth bus
cycle
Write enable
(WREN)
06h
Write disable
(WRDI)
04h
Status register read
(RDSR)
05h
Status register write
(WRSR)
01h
DATA
Read
(READ)
03h
A15-A8
A7-A0
Write
(WRITE)
02h
A15-A8
A7-A0
PD *1
PD *1
PD *1
PD *1
Explanatory notes for Table 1
The “h” following each code indicates that the number given is in hexadecimal notation.
Addresses A15 - A13 for all commands are “don’t care.”
*1: “PD” stands for page program data. Any amount of data from 1 to 32 bytes is input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com