전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LE25LB642CT 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LE25LB642CT
상세설명  Serial SPI EEPROM (SPI Bus)(64Kbit)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25LB642CT 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LE25LB642CT Datasheet HTML 1Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 2Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 3Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 4Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 5Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 6Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 7Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 8Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LE25LB642CT
Pin Assignment
Pin Descriptions
PIN.1
VDD
Power supply
PIN.2
HOLD
Hold
PIN.3
SCK
Serial clock
PIN.4
SI
Serial data input
PIN.5
VSS
Ground
PIN.6
WP
Write protect
PIN.7
SO
Serial data output
PIN.8
CS
Chip select
Block Diagram
ADDRESS
BUFFERS
&
LATCHES
X-
DECODER
EEPROM
Cell Array
Y-DECODER
I/O BUFFERS
&
DATA LATCHES
CONTROL
LOGIC
SERIAL INTERFACE
CS
SCK
SI
SO
WP
HOLD
Specifications
Absolute Maximum Rating/If an electrical stress exceeding the maximum rating is applied, the device may be damaged.
Parameter
Symbol
Conditions
Ratings
Unit
Storage temperature
-65 to +150
°C
Supply voltage
-0.5 to 4.6
V
DC input voltage
-0.5 to VDD+0.5
V
Overshoot voltage (below 20ns)
-1.0 to VDD+0.5
V
Operating Conditions
Parameter
Symbol
Conditions
Ratings
Unit
Operating temperature
-40 to +85
°C
Operating supply voltage
1.8 to 3.6
V
DC Electrical Characteristics
Parameter
Symbol
Conditions
min
typ
max
Unit
No.NA1471-2/14
CS = 0.1VDD, HOLD = WP = 0.9VDD
SI = 0.1VDD/0.9VDD, SO = Open
Operating frequency = 5MHz, VDD = 3.6V
1
mA
CS = 0.1VDD, HOLD = WP = 0.9VDD
SI = 0.1VDD/0.9VDD, SO = Open
Operating frequency = 5MHz, VDD = 2.5V
0.5
mA
Supply current when reading
ICCR
CS = 0.1VDD, HOLD = WP = 0.9VDD
SI = 0.1VDD/0.9VDD, SO = Open
Operating frequency = 3MHz, VDD = 1.8V
0.3
mA
Supply current when writing
ICCW
VDD = 3.6V., VIN = 0.1VDD/0.9VDD,
tWC=10ms
3
mA
1
1.52 x 1.02 x 0.35(max)
Bottom view
2
3
6
8
4
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com