전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LE25LB642CT 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LE25LB642CT
상세설명  Serial SPI EEPROM (SPI Bus)(64Kbit)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25LB642CT 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LE25LB642CT Datasheet HTML 1Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 2Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 3Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 4Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 5Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 6Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 7Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 8Page - Sanyo Semicon Device LE25LB642CT Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Ordering number : ENA1471
Serial SPI EEPROM
(SPI Bus)(64Kbit)
LE25LB642CT
Overview
The LE25LB642CT is a 64Kbit EEPROM that supports serial peripheral interface (SPI). It realizes high speed operation
and high level reliability by incorporating SANYO’s high performance CMOS EEPROM technology. The interface is
compatible with SPI bus protocol, therefore, it is best suited for applications that require small-scale rewritable nonvolatile
parameter memory. Moreover, the LE25LB642CT has a 32 bytes page rewrite function that provides rapid data rewriting.
Features
• Capacity
: 64Kbits (8K×8bits)
• Single supply voltage
: 1.8V to 3.6V
• Serial interface
: SPI Mode0, Mode3 supported
• Operating clock frequency
: 5MHz (2.5V to 3.6V), 3MHz (1.8V to 3.6V)
• Low current dissipation
: Standby
: 3
μA (max.)
: Active (Read)
: 1mA (max.)
: Active (Rewrite) : 3mA (max.)
• Page write function
: 32bytes
• Rewrite time
: 10ms
• Number of rewrite times
: 10
5 times/Page(Page=32Byte)
• Data retention period
: 20years
• High reliability
: Adopts SANYO’s proprietary symmetric memory array configuration (USP6947325)
Incorporates a feature to prohibit write operations under low voltage conditions.
* This product is licensed from Silicon Storage Technology, Inc. (USA), and manufactured and sold by SANYO Semiconductor Co., Ltd.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
51309 SY /20090401-S00009 No.NA1471-1/14


유사한 부품 번호 - LE25LB642CT

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643 Datasheet
321Kb / 14P
Serial SPI EEPROM
LE25LB643 SANYO-LE25LB643 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (64Kbit)
More results

유사한 설명 - LE25LB642CT

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK6510C AKM-AK6510C Datasheet
108Kb / 17P
SPI bus 32K/64Kbit Serial CMOS EEPROM
AK6512CA AKM-AK6512CA Datasheet
130Kb / 17P
SPI bus 64Kbit Serial CMOS EEPROM
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
SPI bus 64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LA642CS SANYO-LE25LA642CS Datasheet
369Kb / 14P
64Kbit Serial SPI EEPROM
LE25CB1282M SANYO-LE25CB1282M Datasheet
297Kb / 13P
Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25LA322 SANYO-LE25LA322 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25LB2562M SANYO-LE25LB2562M_10 Datasheet
254Kb / 14P
256Kbit Serial SPI EEPROM (SPI Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com