전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA321 데이터시트(PDF) 39 Page - STMicroelectronics

부품명 STA321
상세설명  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 데이터시트(HTML) 39 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 35Page - STMicroelectronics STA321 Datasheet HTML 36Page - STMicroelectronics STA321 Datasheet HTML 37Page - STMicroelectronics STA321 Datasheet HTML 38Page - STMicroelectronics STA321 Datasheet HTML 39Page - STMicroelectronics STA321 Datasheet HTML 40Page - STMicroelectronics STA321 Datasheet HTML 41Page - STMicroelectronics STA321 Datasheet HTML 42Page - STMicroelectronics STA321 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 157 page
background image
STA321
Digital processing stage
Doc ID 15351 Rev 3
39/157
6.6
Biquads
The biquads are based on the following equation and is shown diagramatically in Figure 20.
Y[n] = b0 * X[n] + b1 * X[n-1] + b2 * X[n-2] - a1 * Y[n-1] - a2 * Y[n-2]
where Y[n] represents the output and X[n] represents the input. Fractional multipliers
are 24-bit signed with coefficient values in the range -1 (0xFFFFFF) to +1 (0x7FFFFF).
Figure 20.
Biquad filter
6.6.1
Presets
By default all the biquads values in RAM are set to give a bypass function; in actual fact, the
signal passes through unchanged. The coefficients for this are:
a1 / 2 = 0, a2 / 2 = 0, b0 / 2 = 0.5 (0x400000), b1 / 2 = 0, b2 / 2 = 0.
6.7
High-pass filter
The standard high-pass filter is provided by the STA321
Figure 21.
High-pass filter frequency response
2
b0/2
+
b1/2
2
Z -1
+
b2
Z -1
+
2
-a1/2
-a2
Z -1
Z -1
10
0
10
1
10
2
10
3
10
4
10
5
−30
−25
−20
−15
−10
−5
0
Freq. [Hz]
High Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More