| 전자부품 데이터시트 검색엔진 |
|
STW82102B 데이터시트(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW82102B 데이터시트(HTML) 52 Page - STMicroelectronics |
|
52 / 67 page ![]() SPI digital interface STW82102B 52/67 Doc ID 018516 Rev 2 ST3 SPI register 3 Address: 0x10 Type: W Reset: 0x00 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 WW W W W [23] ALC_PD: Test purpose only; must be set to ‘0’ (ALC ON) [22] PKD_EN: for test purpose only; must be set to ‘0’ [21:17] PD[4:0]:bits used to select different functional modes for the STW82102B according to the following table 00000: (0 decimal) Power down mode 00001: (1 decimal) Standard Mode VCOA (VCOA and RX chain ON) 00010: (2 decimal) Standard Mode VCOB (VCOB and RX chain ON) 00011: (3 decimal). Diversity Slave Mode (ExtVCO/LO input buffer and RX Chain ON; internal synthesizer OFF) 00100: (4 decimal) Diversity Master Mode VCOA (VCOA, RX Chain and LO output buffer ON) 00101: (5 decimal) Diversity Master Mode VCOB (VCOB, RX Chain and LO output buffer ON) 00110: (6 decimal) External LO Standard Mode (RX Chain ON, PLL and ExtVCO/LO input buffer ON) 00111: (7 decimal) External LO Diversity Master Mode (RX Chain ON, PLL, ExtVCO/LO input buffer and LO output buffer ON) [16:5] B[11:0]: B counter bits [4:0] A[4:0]: A Counter Bits |