| 전자부품 데이터시트 검색엔진 |
|
STW82102B 데이터시트(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW82102B 데이터시트(HTML) 64 Page - STMicroelectronics |
|
64 / 67 page ![]() Package mechanical data STW82102B 64/67 Doc ID 018516 Rev 2 Note: 1 VFQFPN stands for Thermally Enhanced Very thin Fine pitch Quad Flat Package No lead. Very thin: A=1.00 Max. 2 Details of terminal 1 identifier are optional but must be located on the top surface of the package by using either a mold or marked features. Table 24. VFQFPN-44 package dimensions Symbol Dimensions in mm Min Typ Max A 0.80 0.90 1.00 A1 - 0.02 0.05 A2 - 0.65 1.00 A3 - 0.200 - b 0.18 0.25 0.30 D 6.85 7.00 7.15 D1 - 6.750 - D2 3.80 3.90 4.00 D3 - 4.90 - E 6.85 7.00 7.15 E1 - 6.750 - E2 3.80 3.90 4.00 E3 - 4.90 - e - 0.50 - L 0.35 0.55 0.75 P- - 0.60 K (degree) - - 12 ddd - - 0.08 |