전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OR3LP26B 데이터시트(PDF) 103 Page - Agere Systems

부품명 OR3LP26B
상세설명  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AGERE [Agere Systems]
홈페이지  
Logo AGERE - Agere Systems

OR3LP26B 데이터시트(HTML) 103 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 99Page - Agere Systems OR3LP26B Datasheet HTML 100Page - Agere Systems OR3LP26B Datasheet HTML 101Page - Agere Systems OR3LP26B Datasheet HTML 102Page - Agere Systems OR3LP26B Datasheet HTML 103Page - Agere Systems OR3LP26B Datasheet HTML 104Page - Agere Systems OR3LP26B Datasheet HTML 105Page - Agere Systems OR3LP26B Datasheet HTML 106Page - Agere Systems OR3LP26B Datasheet HTML 107Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 184 page
background image
Lucent Technologies Inc.
103
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description
Quad Port (continued)
Initiating Target Aborts
There may be a need in an application to initiate a tar-
get abort condition on the PCI bus. In general, this is
asserted for only the most severe cases. The interface
signal, fpga_tabort, is used for this purpose. From the
PCI core's point of view, it needs to know whether to
perform a target abort at the very beginning of a trans-
action, so it is not possible to have a transaction
started, and then assert the fpga_tabort signal. The
signal fpga_tabort needs to be asserted before the
transaction begins, and it was not designed to be tog-
gled on and off from transaction to transaction. Once
an FPGA application determines that it wants to apply
a target abort to any master that accesses it, it would
assert the fpga_tabort signal high. All future target
accesses will be terminated in an abort. In generating
this signal, keep in mind that this signal needs to be
synchronous to pciclk.
Initiating PCI Target Retries
In contrast to target abort, many applications may
require to assert PCI target retries. In general, this may
be asserted for times when the FPGA application is
temporarily busy and unavailable to service PCI
requests. The interface signal, fpga_tretryn, is used
for this purpose. From the PCI core's point of view, it
needs to know whether to perform a target retry at the
very beginning of a transaction, so it is not possible to
have a transaction started and then assert the
fpga_tretryn signal. The signal fpga_tretryn needs to
be asserted before the transaction begins, and it was
not designed to be toggled on and off from transaction
to transaction. Once an FPGA application determines
that it wants to apply a target retry to any master that
accesses it, it would assert the fpga_tretryn signal
low. All future target accesses will be terminated in a
retry (disconnect without data). On the FPGA applica-
tion side, no activity will occur. In generating this signal,
keep in mind that this signal needs to be synchronous
to pciclk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More