전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OR3LP26B 데이터시트(PDF) 54 Page - Agere Systems

부품명 OR3LP26B
상세설명  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AGERE [Agere Systems]
홈페이지  
Logo AGERE - Agere Systems

OR3LP26B 데이터시트(HTML) 54 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 50Page - Agere Systems OR3LP26B Datasheet HTML 51Page - Agere Systems OR3LP26B Datasheet HTML 52Page - Agere Systems OR3LP26B Datasheet HTML 53Page - Agere Systems OR3LP26B Datasheet HTML 54Page - Agere Systems OR3LP26B Datasheet HTML 55Page - Agere Systems OR3LP26B Datasheet HTML 56Page - Agere Systems OR3LP26B Datasheet HTML 57Page - Agere Systems OR3LP26B Datasheet HTML 58Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
54
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Detailed Description Dual Port (continued)
Target Write Nonburst Transaction
Figure 12 (PCI bus) and Figure 13 (FPGA bus) show the timing on the PCI and FPGA interfaces, respectively, for a
Target memory nonburst write transaction. The timing on the PCI interface (Figure 12) is similar to that of an I/O
write except that, since bursts to memory space are allowed, the signal stopn is not asserted. The FPGA interface
timing is as shown in Figure 13, and is the same as the timing for memory and I/O write transactions.
5-8854(F).a
Figure 12. Target Write Memory Single (PCI Bus, 64-Bit)
T0
T1
T2
T3
T4
T5
X
ADDRESS
DATA
X
X
CMD
BYTE ENABLES
X
clk
framen
ad
c_ben
irdyn
devseln
trdyn
stopn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More