전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX2000 데이터시트(PDF) 208 Page - Microsemi Corporation

부품명 AX2000
상세설명  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX2000 데이터시트(HTML) 208 Page - Microsemi Corporation

Back Button AX2000 Datasheet HTML 204Page - Microsemi Corporation AX2000 Datasheet HTML 205Page - Microsemi Corporation AX2000 Datasheet HTML 206Page - Microsemi Corporation AX2000 Datasheet HTML 207Page - Microsemi Corporation AX2000 Datasheet HTML 208Page - Microsemi Corporation AX2000 Datasheet HTML 209Page - Microsemi Corporation AX2000 Datasheet HTML 210Page - Microsemi Corporation AX2000 Datasheet HTML 211Page - Microsemi Corporation AX2000 Datasheet HTML 212Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 262 page
background image
Package Pin Assignments
3- 82
R e v i sio n 1 8
VCCIB0
C5
VCCIB0
D5
VCCIB0
L12
VCCIB0
L13
VCCIB0
L14
VCCIB0
M13
VCCIB0
M14
VCCIB0
M15
VCCIB0
M16
VCCIB0
M17
VCCIB1
A30
VCCIB1
B30
VCCIB1
C30
VCCIB1
D30
VCCIB1
L21
VCCIB1
L22
VCCIB1
L23
VCCIB1
M18
VCCIB1
M19
VCCIB1
M20
VCCIB1
M21
VCCIB1
M22
VCCIB2
E31
VCCIB2
E32
VCCIB2
E33
VCCIB2
E34
VCCIB2
M24
VCCIB2
N23
VCCIB2
N24
VCCIB2
P23
VCCIB2
P24
VCCIB2
R23
VCCIB2
T23
VCCIB2
U23
VCCIB3
AA23
FG1152
AX2000 Function
Pin
Number
VCCIB3
AA24
VCCIB3
AB23
VCCIB3
AB24
VCCIB3
AC24
VCCIB3
AK31
VCCIB3
AK32
VCCIB3
AK33
VCCIB3
AK34
VCCIB3
V23
VCCIB3
W23
VCCIB3
Y23
VCCIB4
AC18
VCCIB4
AC19
VCCIB4
AC20
VCCIB4
AC21
VCCIB4
AC22
VCCIB4
AD21
VCCIB4
AD22
VCCIB4
AD23
VCCIB4
AL30
VCCIB4
AM30
VCCIB4
AN30
VCCIB4
AP30
VCCIB5
AC13
VCCIB5
AC14
VCCIB5
AC15
VCCIB5
AC16
VCCIB5
AC17
VCCIB5
AD12
VCCIB5
AD13
VCCIB5
AD14
VCCIB5
AL5
VCCIB5
AM5
VCCIB5
AN5
VCCIB5
AP5
FG1152
AX2000 Function
Pin
Number
VCCIB6
AA11
VCCIB6
AA12
VCCIB6
AB11
VCCIB6
AB12
VCCIB6
AC11
VCCIB6
AK1
VCCIB6
AK2
VCCIB6
AK3
VCCIB6
AK4
VCCIB6
V12
VCCIB6
W12
VCCIB6
Y12
VCCIB7
E1
VCCIB7
E2
VCCIB7
E3
VCCIB7
E4
VCCIB7
M11
VCCIB7
N11
VCCIB7
N12
VCCIB7
P11
VCCIB7
P12
VCCIB7
R12
VCCIB7
T12
VCCIB7
U12
VCCPLA
J16
VCCPLB
K17
VCCPLC
J19
VCCPLD
L18
VCCPLE
AK19
VCCPLF
AE18
VCCPLG
AK16
VCCPLH
AF17
VCOMPLA
H16
VCOMPLB
L17
VCOMPLC
H19
FG1152
AX2000 Function
Pin
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More