전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMS91C8032 데이터시트(PDF) 76 Page - Hynix Semiconductor

부품명 HMS91C8032
상세설명  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HYNIX [Hynix Semiconductor]
홈페이지  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS91C8032 데이터시트(HTML) 76 Page - Hynix Semiconductor

Back Button HMS91C8032 Datasheet HTML 72Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 73Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 74Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 75Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 76Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 77Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 78Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 79Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 80Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 157 page
background image
HMS91C8032/97C8032
NOV., 2001 Ver 1.02
73
IFCDR1: IF counter data register 1. : F6H
IFCDR0: IF counter data register 0. : F7H
* User software should not write 1s to reserved bits. These bits
may be used in future HMS9XC8032 products to invoke new fea-
tures. In that case, the reset or inactive value of the new bit will
be 0, and its active value will be 1.
Operation of Frequency Counter
(1) Select an input pin, mode and gate time using the IF counter
mode register. Figure 4-32 shows a block that selects an input pin
and mode.
(2) Set IFCCLR bit of the IF counter mode register to 1, and
clears the data of the IF counter register.
(3) Set IFCST of the IF counter mode register to 1.
(4) The gate is opened only for the set gate time since 1KHz in-
ternal signal has risen after IFCST was set. If the gate time is set
to be opened, the gate is opened as soon as it has been specified
to be opened. IFCJR of the IF counter gate judge register is auto-
matically set to 1 as soon as IFCST has been set to 1. When the
gate time has expired, IFCJR bit of the IF counter gate judge reg-
ister is automatically cleared to 0. If it is specified that the gate be
open, however, IFCJR is not automatically cleared. In this case,
set a gate time. Figure 4-33 shows the gate timing of the frequen-
cy counter.
(5) While the gate opens, the IF counter register counts the input
frequency of the selected AMIFC or FMIFC pin. If the FMIFC
pin is used in the FMIF count mode, however the input frequency
is divided by quarter before if is counted.
The relationship between count value N (decimal), input frequen-
cies, and gate time is shown below.
(1) FMIF count mode (FMIFC pin)
FFMIFC = N / TGATE x 4 (KHz)
N : FMIF Count Register Value
IFCDATA15
IFCDATA14
IFCDATA13
IFCDATA12
IFCDATA11
IFCDATA10
IFCDATA9
IFCDATA8
IFCDATA15
IFCDR1.7
16th bit of 19bit IF counter
IFCDATA14
IFCDR1.6
15th bit of 19bit IF counter
IFCDATA13
IFCDR1.5
14th bit of 19bit IF counter
IFCDATA12
IFCDR1.4
13th bit of 19bit IF counter
IFCDATA11
IFCDR1.3
12th bit of 19bit IF counter
IFCDATA10
IFCDR1.2
11th bit of 19bit IF counter
IFCDATA9
IFCDR1.1
10th bit of 19bit IF counter
IFCDATA8
IFCDR1.0
9th bit of 19bit IF counter
IFCDATA7
IFCDATA6
IFCDATA5
IFCDATA4
IFCDATA3
IFCDATA2
IFCDATA1
IFCDATA0
IFCDATA7
IFCDR0.7
8th bit of 19bit IF counter
IFCDATA6
IFCDR0.6
7th bit of 19bit IF counter
IFCDATA5
IFCDR0.5
6th bit of 19bit IF counter
IFCDATA4
IFCDR0.4
5th bit of 19bit IF counter
IFCDATA3
IFCDR0.3
4th bit of 19bit IF counter
IFCDATA2
IFCDR0.2
3rd bit of 19bit IF counter
IFCDATA1
IFCDR0.1
2nd bit of 19bit IF counter
IFCDATA0
IFCDR0.0
1st bit of 19bit IF counter (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More