| 전자부품 데이터시트 검색엔진 |
|
HMS91C8032 데이터시트(PDF) 32 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
HMS91C8032 데이터시트(HTML) 32 Page - Hynix Semiconductor |
|
32 / 157 page ![]() HMS91C8032/97C8032 NOV., 2001 Ver 1.02 29 NOTES: 1. The Timer is turned ON/OFF by setting/clearing bit TR0 (TR3) by the software. 2. The Timer is turned ON/OFF by the 1 to 0 transition on /INT0 (/INT3) when TR0 = 1 (hardware control). TIMER/COUNTER 1 (TIMER/COUNTER 4) NOTES: 1. The Timer is turned ON/OFF by setting/clearing bit TR0 (TR3) by the software. 2. The Timer is turned ON/OFF by the 1 to 0 transition on /INT1 (/INT4) when TR1 = 1 (hardware control). TMOD (T34MOD) MODE COUNTER 0 (COUNTER 3) FUNTION INTERNAL CONTROL EXTERNAL CONTROL (NOTE 1) (NOTE 2) 0 13-bit Timer 04H 0CH 1 16-bit Timer 05H 0DH 2 8-bit Auto-Reload 06H 0EH 3 One 8-bit Counter 07H 0FH Table 4-8 Counter0 and Counter3 TMOD TMOD (T34MOD) MODE TIMER 1 (TIMER 4) FUNTION INTERNAL CONTROL EXTERNAL CONTROL (NOTE 1) (NOTE 2) 0 13-bit Timer 00H 80H 1 16-bit Timer 10H 90H 2 8-bit Auto-Reload 20H A0H 3 does not run 30H B0H Table 4-9 Timer0 and Timer3 TMOD TMOD (T34MOD) MODE COUNTER 1 (COUNTER 4) FUNTION INTERNAL CONTROL EXTERNAL CONTROL (NOTE 1) (NOTE 2) 0 13-bit Timer 40H C0H 1 16-bit Timer 50H D0H 2 8-bit Auto-Reload 60H E0H 3 not available - - Table 4-10 Counter0 and Counter3 TMOD |