전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMS91C8032 데이터시트(PDF) 81 Page - Hynix Semiconductor

부품명 HMS91C8032
상세설명  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HYNIX [Hynix Semiconductor]
홈페이지  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS91C8032 데이터시트(HTML) 81 Page - Hynix Semiconductor

Back Button HMS91C8032 Datasheet HTML 77Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 78Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 79Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 80Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 81Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 82Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 83Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 84Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 85Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 157 page
background image
HMS91C8032/97C8032
78
NOV., 2001 Ver 1.02
PLLMOD : PLL Mode Register. : F1H
* User software should not write 1s to reserved bits. These bits
may be used in future HMS9XC8032 products to invoke new fea-
tures. In that case, the reset or inactive value of the new bit will
be 0, and its active value will be 1.
(1) Direct frequency division system (MF)
The VCOL pin is used, and the VCOH pin is pulled down. The
direct frequency division system divides the frequency using only
a programmable counter.
(2) Pulse swallow system (HF)
The VCOL pin is used, and the VCOH pin is pulled down. The
pulse swallow system divides the frequency using a swallow
counter and a programmable counter.
(3) Pulse swallow system (VHF)
The VCOH pin is used, and the VCOL pin is pulled down. The
pulse swallow system divides the frequency in a swallow counter
and programmable counter.
(4) VCOL and VCOH pin disable
VCOL and VCOH pins are pulled down internally.
Frequency division system
Pin used
Input frequency
(MHz)
Input amplitude
(Vp-p)
Possible frequency
division value
Direct frequency division (MF)
VCOL
0.5 to 30
0.1
16 to 212 – 1
Pulse swallow (HF)
VCOL
5 to 40
0.1
256 to 216 – 1
Pulse swallow (VHF)
VCOH
9 to 150
0.1
256 to 216 – 1
Figure 4-37 Input Pin and Frequency Division System
PLLRF3
PLLRF2
PLLRF1
PLLRF0
PLLUL1
PLLUL0
PLLMD1
PLLMD0
PLLRF3
PLLMOD.7
See Table 4-32
PLLRF2
PLLMOD.6
See Table 4-32
PLLRF1
PLLMOD.5
See Table 4-32
PLLRF0
PLLMOD.4
See Table 4-32
PLLUL1
PLLMOD.3
Detects status of unlock FF1 (1.1
µs). Set by hardware at 900KHz sampling when PLL
is unlock state. Cleared by software when PLL mode register is read.
PLLUL0
PLLMOD.2
Detects status of unlock FF0 (2.2
µs). Set by hardware at 450KHz sampling when PLL
is unlock state. Cleared by software when PLL mode register is read.
PLLMD1
PLLMOD.1
See Table 4-33
PLLMD0
PLLMOD.0
See Table 4-33
PLLRF[3:0]
Reference Frequency
of PLL (fOSC = 7.2MHz)
0000
PLL stop
0001
1KHz
0010
1.25KHz
0011
2.5KHz
0100
3KHz
0101
5KHz
0110
6.25KHz
0111
9KHz
1000
10KHz
1001
12.5KHz
1010
18KHz
1011
20KHz
1100
25KHz
1101
50KHz
1110
Reserved for future use *
1111
Reserved for future use *
Table 4-32 Reference Frequency of PLL
PLLMD[1:0]
Selects of PLL input pin
0
0
Disable VCOL & VCOH pins
0
1
VCOH & VHF mode select
1
0
VCOL & HF mode select
1
1
VCOL & MF mode select
Table 4-33 PLL MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com