전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMS91C8032 데이터시트(PDF) 46 Page - Hynix Semiconductor

부품명 HMS91C8032
상세설명  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HYNIX [Hynix Semiconductor]
홈페이지  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS91C8032 데이터시트(HTML) 46 Page - Hynix Semiconductor

Back Button HMS91C8032 Datasheet HTML 42Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 43Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 44Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 45Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 46Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 47Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 48Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 49Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 50Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 157 page
background image
HMS91C8032/97C8032
NOV., 2001 Ver 1.02
43
4.3 Timer/Counters (Timer0, Timer1 and Timer2)
The HMS9XC8032 has five 16-bit Timer/Counter registers: Tim-
er 0, Timer 1, Timer2, Timer 3 and Timer 4. All of them can be
configured to operate either as timers or event counters. In this
chapter, Timer0, Timer1 and Timer2 which are compatible with
Intel 8052 are described. Timer3 and Timer4 are described in
Part C: Timer/Counters (Timer3 and Timer4) chapter.
In the "Timer" function, the register is incremented every ma-
chine cycle. Thus, one can think of it as counting machine cycles.
Since a machine cycle consists of 6 CPU clock periods, the count
rate is 1/6 of the CPU clock frequency.
In the "Counter" function, the register is incremented in response
to a 1-to-0 transition at its corresponding external input pin, T0 or
T1. In this function, the external input is sampled during S5P2 of
every machine cycle. When the samples show a high in one cycle
and a low in the next cycle, the count is incremented. The new
count value appears in the register during S2P1 of the cycle fol-
lowing the one in which the transition was detected. Since it takes
2 machine cycles (12 CPU clock periods) to recognize a 1-to-0
transition, the maximum count rate is 1/12 of the CPU clock fre-
quency. There are no restrictions on the duty cycle of the external
input signal, but to ensure that a given level is sampled at least
once before it changes, it should be held for at least one full cycle.
In addition to the "Timer" or "Counter" selection, Timer 0 and
Timer1 have four operating modes from which to select.
Timer 0 and Timer 1
The "Timer" or "Counter" function is selected by control bits C/
T in the Special Function Register TMOD. These Timer/Counters
have four operating modes, which are selected by bit-pairs (M1,
M0) in TMOD. Modes 0, 1, and 2 are the same for Timers/
Counters. Mode 3 is different. The four operating modes are de-
scribed in the following text.
Mode 0
Putting either Timer into Mode 0 makes it look like an 8048 Tim-
er, which is an 8-bit Counter with a divide-by-32 prescaler. Fig-
ure 4-6 shows the Mode 0 operation as it applies to Timer 1.
In this mode, the Timer register is configured as a 13-bit register.
As the count rolls over from all 1s to all 0s, it sets the Timer in-
terrupt flag TF1. The counted input is enabled to the Timer when
TR1 = 1 and either GATE = 0 or /INT1 = 1. (Setting GATE = 1
allows the Timer to be controlled by external input /INT1, to fa-
cilitate pulse width measurements). TR1 is a control bit in the
Special Function Register TCON (TCON Control Reigster).
GATE is in TMOD.
The 13-bit register consists of all 8 bits of TH1 and the lower 5
bits of TL1. The upper 3 bits of TL1 are indeterminate and should
be ignored. Setting the run flag does not clear the registers.
Mode 0 operation is the same for the Timer 0 as for Timer 1. Sub-
stitute TR0, TF0, and /INT0 for the corresponding Timer 1 sig-
nals in Figure 4-6. There are two different GATE bits, one for
Timer 1 and one for Timer 0.
Mode 1
Mode 1 is the same as Mode 0, except that the Timer register is
being run with all 16 bits.
Figure 4-4 TCON Control Reigster
Symbol
Position
Name and Significance
(MSB)
(LSB)
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
TCON.7
Timer 1 overflow flag. Set by hardware
on Timer/Counter overflow. Cleared by
hardware when processor vectors to
interrupt routine.
TF1
TCON.6
Timer 1 Run control bit. Set/cleared by
software to turn Timer/Counter on/off.
TR1
TCON.5
Timer 0 overflow flag. Set by hardware
on Timer/Counter overflow. Cleared by
hardware when processor vectors to
interrupt routine.
TCON.4
TF0
TR0
Timer 0 Run control bit. Set/cleared by
software to turn Timer/Counter on/off.
Symbol
Position
Name and Significance
TCON.3
Interrupt 1 Edge flag. Set by hardware
when external interrupt edge
detected. Cleared when interrupt
Processed.
IE1
TCON.2
Interrupt 1 Type control bit. Set/
cleared by software to specify falling
Edge/low level triggered external
Interrupt.
IT1
TCON.1
Interrupt 0 Edge flag. Set by hardware
when external interrupt edge
detected. Cleared when interrupt
Processed.
TCON.0
IE0
IT0
Interrupt 1 Type control bit. Set/
cleared by software to specify falling
Edge/low level triggered external
Interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More