| 전자부품 데이터시트 검색엔진 |
|
HMS91C8032 데이터시트(PDF) 64 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
HMS91C8032 데이터시트(HTML) 64 Page - Hynix Semiconductor |
|
64 / 157 page ![]() HMS91C8032/97C8032 NOV., 2001 Ver 1.02 61 initial value of the clock counter is 0, and counter value incre- ments (+1) upon each detection of the falling edge of the clock pin waveform. When counted up to 8, the counter is reset to 0 at the rising edge of next shift clock. The serial communication is put to wait state at the time the clock counter is reset to 0. Clock Counter Reset 0 Condition The clock counter resetting conditions are listed below: (1) Power ON (2) Writing of 0 into SIO2TS flag (3) Rising of shift clock when wait is canceled and clock counter is 9. Serial Buffer (SBUF1, SBUF2) The serial buffer (SBUF1 and SBUF2) is an 8-bit shift register which is used to set the serial out data and read the serial in data. Setting (writing) of data to and reading of data from the serial buffer are performed respectively by MOV instruction. The data shift operation of the serial buffer is performed in synchroniza- tion with the clock applied to the shift clock pin (SCK pin). The content of the most significant bit of the serial buffer is output to serial data pin in synchronization with the falling edge of the shift clock. The data of the serial data pin is read into the least signifi- cant bit of the serial buffer in synchronization with the rising edge of the clock waveform. Operation of Serial buffer section shows the operation and pre- cautions concerning this shift register. Precautions in Data set- ting and Data reading Section shows precautions concerning data writing into and data reading from the serial buffer. During the wait state, the serial buffer does not perform data shift opera- tion. Figure 4-22 Clock Counter Operation 0 1 2 3 78 0 D7 D6 D5 D1 D0 12 3 7 8 Wait cancel Wait Shift Clock pin Serial Data pin Clock Counter |