전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VFS9V 데이터시트(PDF) 14 Page - Murata Manufacturing Co., Ltd.

부품명 VFS9V
상세설명  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFS9V 데이터시트(HTML) 14 Page - Murata Manufacturing Co., Ltd.

Back Button VFS9V Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
EMI Suppression Filters (Lead Type EMIFIL
r)
Disc Type EMIFIL
r DSS1 Series
(in mm)
8.5 max.
3.5 max.
ø0.56
5.0
2.5±0.5
+0.8
-0.2
DSS1_Q55B Series
Built-in Ferrite Beads DSS1 Series
Part Number
Capacitance
(pF)
Rated Voltage
(Vdc)
Rated Current
(A)
Operating Temperature Range
DSS1NB32A220
22 ±10%
100
6
-40 to +85°C
DSS1NB32A330
33 ±10%
100
6
-40 to +85°C
DSS1NB32A470
47 ±10%
100
6
-40 to +85°C
DSS1NB32A680
68 ±10%
100
6
-40 to +85°C
DSS1NB32A101
100 ±10%
100
6
-40 to +85°C
DSS1NB32A121
120 ±10%
100
6
-40 to +85°C
DSS1NB32A151
150 ±10%
100
6
-40 to +85°C
DSS1NB32A221
220 ±10%
100
6
-40 to +85°C
DSS1NB32A271
270 ±10%
100
6
-40 to +85°C
DSS1NB32A331
330 ±10%
100
6
-40 to +85°C
DSS1NB32A471
470 ±10%
100
6
-40 to +85°C
DSS1NB32A681
680 ±10%
100
6
-40 to +85°C
DSS1NB32A102
1000 ±10%
100
6
-40 to +85°C
DSS1NB32A152
1500 ±10%
100
6
-40 to +85°C
DSS1NB32A222
2200 ±10%
100
6
-40 to +85°C
DSS1NB32A332
3300 ±10%
100
6
-40 to +85°C
DSS1NB32A472
4700 ±10%
100
6
-40 to +85°C
DSS1NB32A682
6800 ±10%
100
6
-40 to +85°C
DSS1NB32A103
10000 ±10%
100
6
-40 to +85°C
DSS1NB32A153
15000 ±10%
100
6
-40 to +85°C
DSS1NB32A223
22000 ±10%
100
6
-40 to +85°C
DSS1NB31H333
33000 ±10%
50
6
-40 to +85°C
DSS1NB31H473
47000 ±10%
50
6
-40 to +85°C
DSS1NB31H104
100000 ±10%
50
6
-40 to +85°C
Please refer to Part Numbering for Type and Length of Lead.
12
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
c Features
DSS1 series is a compact, high performance
lead type 3 terminal capacitor which can be
mounted in 2.54mm pitch.
Its three terminal structure enables nice
high frequency performance.
Wide capacitance variation enables flexible
selection for various noise frequencies.
High speed mounting is available with automatic
insertion machine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com