전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VFS9V 데이터시트(PDF) 16 Page - Murata Manufacturing Co., Ltd.

부품명 VFS9V
상세설명  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFS9V 데이터시트(HTML) 16 Page - Murata Manufacturing Co., Ltd.

Back Button VFS9V Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
EMI Suppression Filters (Lead Type EMIFIL
r)
Disc Type EMIFIL
r DSN6/DSS6 Series
c Features
DS_6 is a compact, high performance lead type EMI
suppression filter which can be mounted 2.54mm pitch.
Its three terminal structure enables precise high
frequency performance.
(in mm)
7.0 max.
GND
I
Q55 Type: 25.0 min.
Q56 Type: 6.0±1.0
Q54 Type: 4.0±0.5
2.54 max.
5.0±0.5
2.5±0.5
ø0.6
DSN6_Q55B Series
(in mm)
8.0 max.
2.54 max.
*1
*2
*1 The bottom of the ferrite beads may not be level
with each other.
*2 There may be a hole on the top of ferrite beads,
which causes no characteristics deterioration.
5.0±0.5
2.5±0.5
ø0.6
I
Q55 Type: 25.0 min.
Q56 Type: 6.0±1.0
Q54 Type: 4.0±0.5
GND
DSS6_Q55B Series
Straight Type
(in mm)
8.0 max.
GND
I
T51 Type: 25.0 min.
T41 Type: 4.0±0.5
2.54 max.
5.0±0.5
2.5±0.5
ø0.6
*1 The bottom of the ferrite beads may not be level
with each other.
*2 There may be a hole on the top of ferrite beads,
which causes no characteristics deterioration.
*2
*1
DSS6_T51B Series
Incrimp Type
DSN6 Series
Part Number
Capacitance
(pF)
Rated Voltage
(Vdc)
Rated Current
(A)
Operating Temperature Range
DSN6NC51H220
22 ±20%
50
6
-25 to +85°C
DSN6NC51H330
33 ±20%
50
6
-25 to +85°C
DSN6NC51H470
47 ±20%
50
6
-25 to +85°C
DSN6NC51H101
100 ±20%
50
6
-25 to +85°C
DSN6NC51H271
270 ±20%
50
6
-25 to +85°C
DSN6NC51H102
1000 ±20%
50
6
-25 to +85°C
DSN6NC51H222
2200 ±20%
50
6
-25 to +85°C
DSN6NZ81H103
10000 80/-20%
50
6
-25 to +85°C
Please refer to Part Numbering for Type and Length of Lead.
14
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com