전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VFS9V 데이터시트(PDF) 27 Page - Murata Manufacturing Co., Ltd.

부품명 VFS9V
상세설명  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFS9V 데이터시트(HTML) 27 Page - Murata Manufacturing Co., Ltd.

Back Button VFS9V Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Large Current VFS9V Series
(in mm)
7.5 max.
12.0 max.
GND
2.5±0.5
5.0±0.5
2.5±0.5
ø0.65
Ferrite bead
*2
*1 Coating extending on leads does not exceed the tangent line.
Exposed electrode, if any, is covered by solder, etc.
*2 If there is a hole in the top of the filter, the ferrite bead should not
be exposed.
VFS9V Series
Part Number
Varistor Voltage
(Vdc)
Capacitance
(pF)
Rated Voltage
(Vdc)
Rated Current
(A)
Operating
Temperature Range
VFS9VD31B223
22 ±20%
22000 +50/-20%
12
7
-40 to 100°C
Rated current is 7A for bulk type and 6A for taping type.
Rated current of taping type is 6A because the diameter of the lead is 0.6mm and its lead layout is the in-line type.
Please refer to Part Numbering for Type and Length of Lead.
GND
No polarity
c Equivalent Circuit
0
20
40
60
80
100
0.1
0.5
5
50
500
1
10
100
1000
Frequency (MHz)
(50
Ω - 50Ω)
c Insertion Loss Characteristics
Voltage (V)
0
–20
–30
–40
300
200
100
–100
–200
–300
10
30
40
20
–10
c Voltage - Current Characteristics
c Features
VFS9V series is designed for surge protection of
the power supply. It protects electric circuits from
surge such as static electricity and suppresses EMI
noise. Its large capacitance value enables high
insertion loss for EMI noise.
c Applications
For circuit protection and noise suppression in
electronics equipment such as computers and DC motors,
and in electronics systems installed in cars such as
car audio equipment and engine controllers.
25
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com