전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VFS9V 데이터시트(PDF) 25 Page - Murata Manufacturing Co., Ltd.

부품명 VFS9V
상세설명  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFS9V 데이터시트(HTML) 25 Page - Murata Manufacturing Co., Ltd.

Back Button VFS9V Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Semiconductor Protection VFR3V Series
c Features
VFR3V series is designed for ESD surge protection
of IC. It efficiently absorbs ESD surges rushed into
IC's I/O terminal.
c Applications
Elimination of noise and protection of semiconductors
in office equipment, including computers and
peripheral equipment, copy machines, and communication
terminals.
(in mm)
No.1 Pin Indicator
(Surge entrance side)
5.0±0.5
2.5±0.5
8.0 max.
(1)
(3)
(2)
ø0.45±0.1
2.3 max.
VFR3V Series
Please refer to Part Numbering for Type and Length of Lead.
0
10
30
40
50
70
5
10
100
1000
20
60
Frequency (MHz)
(50
Ω - 50Ω)
c Insertion Loss Characteristics
Part Number
Varistor Voltage
(Vdc)
Capacitance
(pF)
Rated Voltage
(Vdc)
Rated Current
(mA)
Peak
Pulse Current
(A)
Operating
Temperature Range
VFR3VD31E131
50 ±20%
130 ±20%
25
20
30
-25 to 85°C
23
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com