전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VFS9V 데이터시트(PDF) 24 Page - Murata Manufacturing Co., Ltd.

부품명 VFS9V
상세설명  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFS9V 데이터시트(HTML) 24 Page - Murata Manufacturing Co., Ltd.

Back Button VFS9V Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
EMI Suppression Filters (Lead Type EMIFIL
r)
EMIGUARD
r (EMIFILr with Varistor Function) VFC2H/VFR3V/VFS6V/VFS9V Series
VFC2H Series
(in mm)
5.0 max.
5.2±0.5
3.0 max.
2
(1)
1
(2)
VFC2H Series
Please refer to Part Numbering for Type and Length of Lead.
c Equivalent Circuit
VFC2H series is EMI suppression filters of lead type
that combines the varistor and capacitor.
c Features
1. Suitable for absorbing surge voltages occurred from
inductive load of motors, relays, etc.
2. High maximum energy
3. Smaller size, High capacitance
4. Taping is capable of fast implementation of
automatic insertion.
Part Number
Varistor Voltage
(Vdc)
Capacitance
(µF)
Temperature
Characteristics
Rated Voltage
(Vdc)
Rated Current
Insulation
Resistance (min.)
(M ohm)
Operating
Temperature Range
VFC2HR71D105K2
27 +5/-3V
1.0 ±10%
R7 (±15%)
22
-
1
-55 to 125°C
22
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com