전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VFS9V 데이터시트(PDF) 17 Page - Murata Manufacturing Co., Ltd.

부품명 VFS9V
상세설명  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFS9V 데이터시트(HTML) 17 Page - Murata Manufacturing Co., Ltd.

Back Button VFS9V Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
GND
No polarity.
c Equivalent Circuit
1
0
20
40
60
80
100
120
1
10
100
1000
0.1
2
3
4
5
Frequency (MHz)
1: 22pF
2: 33pF
3: 47pF
4: 100pF
5: 270pF
6:1000pF
7: 2200pF
8: 10000pF
8
7
6
(50
Ω - 50Ω)
c Insertion Loss Characteristics
Built-in Ferrite Beads DSS6 Series Straight Type
Part Number
Capacitance
(pF)
Rated Voltage
(Vdc)
Rated Current
(A)
Operating Temperature Range
DSS6NC52A220
22 ±20%
100
6
-25 to +85°C
DSS6NC52A330
33 ±20%
100
6
-25 to +85°C
DSS6NC52A470
47 ±20%
100
6
-25 to +85°C
DSS6NC52A101
100 ±20%
100
6
-25 to +85°C
DSS6NC52A151
150 ±20%
100
6
-25 to +85°C
DSS6NC52A221
220 ±20%
100
6
-25 to +85°C
DSS6NC52A271
270 ±20%
100
6
-25 to +85°C
DSS6NC52A471
470 ±20%
100
6
-25 to +85°C
DSS6NC52A102
1000 ±20%
100
6
-25 to +85°C
DSS6NE52A222
2200 80/-20%
100
6
-25 to +85°C
DSS6NZ82A103
10000 ±30%
100
6
-25 to +85°C
Please refer to Part Numbering for Type and Length of Lead.
GND
No polarity.
c Equivalent Circuit
2
1
3
4
8
0
20
40
60
80
100
120
1
10
100
1000
9
10
11
7
0.1
5
6
Frequency (MHz)
1: 22pF
2: 33pF
3: 47pF
4: 100pF
5: 150pF
6: 220pF
7: 270pF
8: 470pF
9: 1000pF
10: 2200pF
11: 10000pF
(50
Ω - 50Ω)
c Insertion Loss Characteristics
15
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com