전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VFS9V 데이터시트(PDF) 37 Page - Murata Manufacturing Co., Ltd.

부품명 VFS9V
상세설명  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFS9V 데이터시트(HTML) 37 Page - Murata Manufacturing Co., Ltd.

Back Button VFS9V Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 40Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Packaging
BL01RN_J
BL01RN_A
BL02RN1R3N1A
BL02RN2R3N1A
BL02RN1R2
p1A
BL02RN2R1
p1A
BL03RN2R1
p1A
(in mm)
c Minimum Quantity (Pcs.)
Bulk
BL01RN
BL02RN
BL03RN
Series
500
500
1000
Ammo Pack
1000
1500
2000
ø320mm Paper Reel
2000
—
—
Symbol
Pitch of component
Pitch of sprocket hole
Lead spacing
Hole center to lead
Hole center to component center
Offset of bead
Carrier tape width
Position of sprocket hole
Lead length between sprocket
hole and forming position
Protruding length
Diameter of sprocket hole
Lead Diameter
Total tape thickness
Deviation across tape, Deviation across tape rear
Cutting position of failure
Hold down tape width
Hold down tape position
Description
P
P0
F
P1
P2
ΔS
W
W1
H1
I
D0
ød
t
Δh1, Δh2
L
W0
W2
Dimension (mm)
12.7
12.7±0.2
5.0
3.85±0.7
6.35±1.3
±1.0
18.0±0.5
9.0 0.0
+0.5 to –1.0
ø4.0±0.1
ø0.60
0.7±0.2
1.0 max.
11.0 0.0
12.0±0.5
1.5±1.5
Remarks
Product inclination
ΔS determines tolerance
Tape deviation in feeding direction
lncluding the offset caused by lead bend
Tape with deviation
BL02, BL03
BL02RN1R2/2R1, BL03
BL02, BL03
Including bonding tape thickness
0 max.
0.8 max.
L1
L2
*L
| L1 - L2 |
V 1.5
6.0±1.0
0.8 max.
3.2 min.
ø0.60±0.05
5±0.3
*L BL01RN1A1F1J : 52+2/-1
BL01RN1A1E1A : 26+1.5/-0
ΔS
∗There is excess bond stick on the wire.
Δh1
Δh2
D0
∗
3.4±0.2
P0
ød
7.5 max.
P
P2
F
P1
3.4±0.2
ød
∗There is excess bond stick on the wire.
Δh1
Δh2
D0
∗
ΔS
P0
8.0 max.
P
P2
F
P1
ΔS
Δh1
Δh2
D0
3.4±0.2
P0
ød
9.0 max.
P
P2
F
P1
3.4±0.2
ød
Δh1
Δh2
D0
ΔS
P0
9.0 max.
P
P2
F
P1
ΔS
Δh1
Δh2
D0
2.3 max.
P0
ød
8.3 max.
P
P2
F
P1
+0.8
-0.2
+0
-0.5
+0
-1.0
Lead Length Number : N
Lead Length Number : Q
Lead Length Number : P
16.5±0.5
20.0±0.5
18.5±0.5
c Taping Dimensions
35
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com