전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3276 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN3276
상세설명  ST solution for efficiency improvement in PFC applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3276 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN3276 Datasheet HTML 3Page - STMicroelectronics AN3276 Datasheet HTML 4Page - STMicroelectronics AN3276 Datasheet HTML 5Page - STMicroelectronics AN3276 Datasheet HTML 6Page - STMicroelectronics AN3276 Datasheet HTML 7Page - STMicroelectronics AN3276 Datasheet HTML 8Page - STMicroelectronics AN3276 Datasheet HTML 9Page - STMicroelectronics AN3276 Datasheet HTML 10Page - STMicroelectronics AN3276 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
AN3276
The new ST solution - BC2: energy recovery circuit
Doc ID 17975 Rev 1
7/22
2
The new ST solution - BC2: energy recovery circuit
The innovative circuit has been designed [see Section 5: References, 1.] to respect the five
soft switching criteria in Section 1.2. Figure 6 shows that two additional diodes D1 and D2
and two auxiliary windings NS1 and NS2 wound around the main boost inductor LB are
designed to reset the energy stored in the small inductor L.
Figure 6.
Novel energy recovery circuit: BC2
2.1
Concept description
The winding NS1 allows the IRM current from the boost diode DB to be recovered in the main
boost inductor when the transistor turns on. Since the mains input voltage modulates the LB
voltage, it also modulates the reflected voltage across NS1. This input voltage also
modulates the boost diode current IDB and its associated recovery current IRM. These
combined modulations allow the extra current IRM flowing in the inductor L to be reset into
the winding NS1 even in the worst case. The winding NS2 allows the extra current of L to be
injected into the output capacitor when the transistor turns off. The reflected voltage across
NS2 is also a function of the input voltage. This reflected voltage reaches its maximum when
the AC line voltage is low, corresponding to the maximum value of the inductor L current.
These combined variations allow the current flowing in the inductor L to be cancelled in the
bulk capacitor through the diode D2 even in the worst case. The benefits of these two
additional windings NS1 and NS2 are to switch off the diodes D1 and D2 with a low dI/dt
(about 10 A/µs) as in a discontinuous mode switching converter. Their recovery currents do
not affect the behavior of the BC2 circuit.
L
N
S2
m2 =NS2 /NP
DB
D
1
TR
m1 =NS1 /NP
D2
NS1
Np
LB
VOUT
Vmains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com