전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3276 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 AN3276
상세설명  ST solution for efficiency improvement in PFC applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3276 데이터시트(HTML) 3 Page - STMicroelectronics

  AN3276 Datasheet HTML 1Page - STMicroelectronics AN3276 Datasheet HTML 2Page - STMicroelectronics AN3276 Datasheet HTML 3Page - STMicroelectronics AN3276 Datasheet HTML 4Page - STMicroelectronics AN3276 Datasheet HTML 5Page - STMicroelectronics AN3276 Datasheet HTML 6Page - STMicroelectronics AN3276 Datasheet HTML 7Page - STMicroelectronics AN3276 Datasheet HTML 8Page - STMicroelectronics AN3276 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
AN3276
Existing solutions
Doc ID 17975 Rev 1
3/22
1
Existing solutions
This section describes some existing areas for efficiency improvements in PFC applications.
1.1
Diode switch-on losses
Usually, in mass market applications between 200 W and 2 kW, a power factor corrector
(PFC) working in continuous conduction mode (CCM) is mandatory. To improve the power
converter density, the switching frequency should be increased. Nevertheless, when the
switching frequency increases, power dissipation in the power switch/rectifier commutation
cells leads to the major switching losses in the PFC. The main power losses occur during
turn-on of the power switch due to both the voltage and current crossing area of the
MOSFET and the reverse recovery losses [see Section 5: References, 2.] produced by the
PN diode as shown in Figure 1.
Figure 1.
Switch-on losses in PN diode behavior
To reduce the losses of the PN rectifier, many semiconductor manufacturers have recently
introduced high-voltage Schottky diodes using SiC and GaN technologies. However, it is
impossible to completely remove the voltage and current crossing area during transistor
turn-on by improving component performance only.
t
Losses are due to area
between I +I
and V
0RM
DS
I+I
RM
0
I
0
V
DS
W
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com