전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3276 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 AN3276
상세설명  ST solution for efficiency improvement in PFC applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3276 데이터시트(HTML) 4 Page - STMicroelectronics

  AN3276 Datasheet HTML 1Page - STMicroelectronics AN3276 Datasheet HTML 2Page - STMicroelectronics AN3276 Datasheet HTML 3Page - STMicroelectronics AN3276 Datasheet HTML 4Page - STMicroelectronics AN3276 Datasheet HTML 5Page - STMicroelectronics AN3276 Datasheet HTML 6Page - STMicroelectronics AN3276 Datasheet HTML 7Page - STMicroelectronics AN3276 Datasheet HTML 8Page - STMicroelectronics AN3276 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Existing solutions
AN3276
4/22
Doc ID 17975 Rev 1
Figure 2.
Switch-on losses in SiC or GaN diode behavior
Unlike PN diodes, SiC diodes allow the turn-on dI/dt to be increased without increasing the
diode recovery current. Thus, switching time decreases and switch-on losses decrease too,
but they are not removed entirely. Today, in PFC designs, the turn-on dI/dt with the SiC diode
is around 1000 A/µs maximum to respect EMI standards, whereas the PN diode is used with
a dI/dt of 300 A/µs.
1.2
Soft switch-on method
Another way to reduce these losses is to use a soft switching method by adding a small
inductor L to control the dI/dt slope. This solution removes the current/voltage crossing area
and the PN diode recovery current effect during the turn-on of the transistor as shown in
Figure 3.
Figure 3.
Switch-on losses in current soft switching behavior
t
I
0
V
DS
Losses are due to area
between I and V
0DS
t
Small losses:
Zero current switching
I+I
RM
0
I
0
V
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com