전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3276 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 AN3276
상세설명  ST solution for efficiency improvement in PFC applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3276 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button AN3276 Datasheet HTML 5Page - STMicroelectronics AN3276 Datasheet HTML 6Page - STMicroelectronics AN3276 Datasheet HTML 7Page - STMicroelectronics AN3276 Datasheet HTML 8Page - STMicroelectronics AN3276 Datasheet HTML 9Page - STMicroelectronics AN3276 Datasheet HTML 10Page - STMicroelectronics AN3276 Datasheet HTML 11Page - STMicroelectronics AN3276 Datasheet HTML 12Page - STMicroelectronics AN3276 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
AN3276
The new ST solution - BC2: energy recovery circuit
Doc ID 17975 Rev 1
9/22
2.2.1
Phase before t0
Figure 8.
Equivalent circuit before t0
Before t0, the BC
2 circuit has the same behavior as the conventional boost converter. The
boost diode DB conducts to send the main inductor energy through the output bulk
capacitor.
2.2.2
Phase t0 to t1
Figure 9.
Equivalent circuit t0 to t1
At t0, the power MOSFET turns on and the current in DB is equal to I0. At t0+, the current soft
switching occurs, that is to say, the voltage across the power MOSFET decreases to 0 volt
under a zero current and no switching losses appear. After t0, the current flowing in L
increases linearly until it reaches the input current I0 added with the recovery diode IRM,
whereas the current flowing in DB decreases linearly down to -IRM.
Figure 7 shows the behavior of these currents taking account of the m2 transformer ratio.
The simplified dI/dt expression in transistor TR and the boost diode DB can be estimated
using,
and
At t0 +, the COSS capacitance of the power MOSFET is discharged in its RDS(on). Unlike
standard PFC circuits, the voltage applied across the drain is lower because the reflected
Coss
L
DB
D2
D1
Vmains
NS2
NS1
I0
V OUT
+
-
-
+
Coss
L
DB
D2
D1
V
V
mains
NS2
NS1
I
I
I
0
0
RM
V OUT
TR
+
-
-
+
L
V
V
dt
dI
dt
dI
NS2
out
TR
DB
=
2
m
1
2
m
).
V
V
(
V
mains
out
2
NS
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com