| 전자부품 데이터시트 검색엔진 |
|
UM0324 데이터시트(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0324 데이터시트(HTML) 62 Page - STMicroelectronics |
|
62 / 105 page ![]() Library functions UM0324 62/105 With this choice, the electromagnetic torque can be written as: i.e. as a product of a flux and a current component (P= number of stator poles). Let’s investigate further on the rotor flux λdrλr. Considering the d-axis rotor flux equation: then, the equation for idrλ r is: Combining the latter with the d-axis rotor voltage equation, leads to: where τ r is the rotor time constant, τ r = Lr / rr. Therefore, a lag in flux response is caused to this first order transfer function between idsλ r and λdrλr. The CalcIm routine performs a numerical integration using Euler’s method which, for a first order ODE written as may be summarized in this way: where t is the sampling time. Putting the equation above in the explicit form, we have: ()r r qs dr r m e i L L p T λ λ λ 2 2 3 = ) ( r dr r ds m r dr lr r dr i i L i L λ λ λ λ λ + + = r r ds m r dr r dr L i L i λ λ λ λ − = 0 ) ( = − + r ds m r dr r r r dr i L L r dt d λ λ λ λ λ r r r ds r m dr r m dr i L L dt d λ τ λ τ λ λ λ 1 1 = ⎟⎟⎠ ⎞ ⎜⎜⎝ ⎛ + ⎟⎟⎠ ⎞ ⎜⎜⎝ ⎛ ) , ( y t f y = ′ ) , ( 1 n n n n y t f t y y ⋅ Δ + = + ⎟⎟⎠ ⎞ ⎜⎜⎝ ⎛ − = ′ ⎟⎟⎠ ⎞ ⎜⎜⎝ ⎛ m dr ds r m dr L i L r r r λ λ λ τ λ λ 1 |