| 전자부품 데이터시트 검색엔진 |
|
UM0324 데이터시트(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0324 데이터시트(HTML) 85 Page - STMicroelectronics |
|
85 / 105 page ![]() UM0324 Library functions 85/105 PID_Speed_Regulator PID_Reset_Integral_terms PID_Speed_Coefficients_update PID_Integral_Speed_update Synopsis s16 PID_Speed_regulator(PID_SpeedTYPEDEF *PID_Speed, s16 speed) Description The purpose of this function is to compute the proportional, integral and derivative terms (if enabled, see SPEED_DIFFERENTIAL_TERM_ENABLED in Section 2.2.1 on page 18) for the speed regulation. Input PID_SpeedTYPDEF (see MC_type.h for structure declaration) signed 16 bits Output signed 16 bits Functions called None Caution Default values for the PID speed regulation are declared and can be modified in the MC_Control_Param.h file (see Section 2.2.2 on page 19). See also Figure 54 on page 103 shows the PID block diagram. Synopsis void PID_Reset_Integral_terms(void) Description The purpose of this function is to reset all the integral terms of the torque, flux and speed PID regulators. Synopsis void PID_Speed_coefficients_update(s16 motor_speed) Description This function automatically computes the proportional, integral and derivative gain for the speed PID regulator according to the actual motor speed. The computation is done following a linear curve based on 4 set points. See Section 4.8.5 on page 87 for more information. Functions called None Caution Default values for the four set points are declared and can be modified in the MC_Control_Param.h file (see Section 2.2.2 on page 19). Synopsis void PID_Integral_Speed_update(s32 value) Description The purpose of this function is to load the speed integral term with a default value. |