전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM0324 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 UM0324
상세설명  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 데이터시트(HTML) 2 Page - STMicroelectronics

  UM0324 Datasheet HTML 1Page - STMicroelectronics UM0324 Datasheet HTML 2Page - STMicroelectronics UM0324 Datasheet HTML 3Page - STMicroelectronics UM0324 Datasheet HTML 4Page - STMicroelectronics UM0324 Datasheet HTML 5Page - STMicroelectronics UM0324 Datasheet HTML 6Page - STMicroelectronics UM0324 Datasheet HTML 7Page - STMicroelectronics UM0324 Datasheet HTML 8Page - STMicroelectronics UM0324 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 105 page
background image
UM0324
2/105
AC IM IFOC software library V1.0 features (CPU running at
60MHz)
●
Speed feedback:
–
Tacho generator
–
Quadrature incremental encoder
●
Current sampling method:
–
2 isolated current sensors (ICS)
–
3-shunt resistors placed on the bottom of the three inverter legs
●
Current regulation for torque and flux control:
–
PIDs sampling frequency adjustable up to the PWM frequency.
●
Speed control:
–
Open loop operation
–
Closed loop operation, PID regulation with 0.5ms to 127ms sampling time
●
16-bit space vector PWM generation frequencies:
–
PWM frequency can be easily adjusted
–
Centered PWM pattern type
–
11 bits resolution at 14.6Khz
●
Free C source code and spreadsheet for look-up tables
●
CPU load below 30% (IFOC algorithm refresh frequency 8KHz)
●
Motor control modules developed in accordance with MISRA C rules
●
Code size 22.8KB (three shunt resistors for current reading, tacho generator for speed
feedback) + 8.2KB for LCD/joystick management
Note:
These figures are for information only; this software library may be subject to changes
depending on the final application and peripheral resources. Note that it was built using
robustness-oriented structures, thus preventing the speed or code size from being fully
optimized.
Related documents:
Available on www.st.com:
●
STR750 User Manual,
●
STR750 Datasheet,
●
STR750 Standard Library User Manual,
●
STR7 Flash Programming Manual
Available on www.arm.com:
ARM7TDMI-S Rev.4 Technical Reference Manual ARM DDI 0234A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com