전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM0324 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 UM0324
상세설명  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 16Page - STMicroelectronics UM0324 Datasheet HTML 17Page - STMicroelectronics UM0324 Datasheet HTML 18Page - STMicroelectronics UM0324 Datasheet HTML 19Page - STMicroelectronics UM0324 Datasheet HTML 20Page - STMicroelectronics UM0324 Datasheet HTML 21Page - STMicroelectronics UM0324 Datasheet HTML 22Page - STMicroelectronics UM0324 Datasheet HTML 23Page - STMicroelectronics UM0324 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 105 page
background image
Getting started with the library
UM0324
20/105
Speed controller setpoint and PID constants (initial values)
●
#define PID_SPEED_REFERENCE
Define here, in 0.1Hz, the mechanical rotor speed setpoint at startup in closed loop
mode;
●
#define PID_SPEED_KP_DEFAULT
The proportional constant of the speed loop regulation (signed 16-bit value, adjustable
from 0 to 32767);
●
#define PID_SPEED_KI_DEFAULT
The integral constant of the speed loop regulation (signed 16-bit value, adjustable from
0 to 32767);
●
#define PID_SPEED_KD_DEFAULT
The derivative constant of the speed loop regulation (signed 16-bit value, adjustable
from 0 to 32767);
Torque and flux controller setpoints and PID constants
●
#define PID_TORQUE_REFERENCE
The torque reference value, in open loop, at start-up (signed 16-bit value);
●
#define PID_TORQUE_KP_DEFAULT
The proportional constant of the torque loop regulation (signed 16-bit value, adjustable
from 0 to 32767);
●
#define PID_TORQUE_KI_DEFAULT
The integral constant of the torque loop regulation (signed 16-bit value, adjustable from
0 to 32767);
●
#define PID_TORQUE_KD_DEFAULT
The derivative constant of the torque loop regulation (signed 16-bit value, adjustable
from 0 to 32767);
●
#define PID_FLUX_REFERENCE
The flux reference; its default value is NOMINAL_FLUX, which is adjustable by
modifying the parameter hNominal_Flux (see Section 2.2.5);
●
#define PID_FLUX_KP_DEFAULT
The proportional constant of the flux loop regulation (signed 16-bit value, adjustable
from 0 to 32767);
●
#define PID_FLUX_KI_DEFAULT
The integral constant of the flux loop regulation (signed 16-bit value, adjustable from 0
to 32767);
●
#define PID_FLUX_KD_DEFAULT
The derivative constant of the flux loop regulation (signed 16-bit value, adjustable from
0 to 32767);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More