| 전자부품 데이터시트 검색엔진 |
|
UM0324 데이터시트(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0324 데이터시트(HTML) 96 Page - STMicroelectronics |
|
96 / 105 page ![]() MISRA compliance UM0324 96/105 5.2.2 MISRA rule deviations The only rule not respected in the AC IM IFOC software library is: Rule number 45: “Type casting from any type to or from pointers shall not be used.” This deviation occurs in the 75x_svpwm_3shunt.c module, and it is due to the definition of the DMA_InitTypeDef type in the 75x_dma.h header file: typedef struct { u32 DMA_SRCBaseAddr; u32 DMA_DSTBaseAddr; u16 DMA_BufferSize; u16 DMA_SRC; u16 DMA_DST; u16 DMA_SRCSize; u16 DMA_SRCBurst; u16 DMA_DSTSize; u16 DMA_Mode; u16 DMA_M2M; u16 DMA_DIR; }DMA_InitTypeDef; Basically, the DMA_SRCBaseAddr and DMA_DSTBaseAddr fields which must contain memory addresses should have been declared as pointers instead of unsigned 32bit. |