전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4031 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 AN4031
상세설명  Using the STM32F2 and STM32F4 DMA controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4031 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button AN4031 Datasheet HTML 14Page - STMicroelectronics AN4031 Datasheet HTML 15Page - STMicroelectronics AN4031 Datasheet HTML 16Page - STMicroelectronics AN4031 Datasheet HTML 17Page - STMicroelectronics AN4031 Datasheet HTML 18Page - STMicroelectronics AN4031 Datasheet HTML 19Page - STMicroelectronics AN4031 Datasheet HTML 20Page - STMicroelectronics AN4031 Datasheet HTML 21Page - STMicroelectronics AN4031 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
System performance considerations
AN4031
18/36
DocID022648 Rev 1
Figure 7. System architecture
2.1
Multi-layer bus matrix
The multi-layer bus matrix allows masters to perform data transfers concurrently as long as
they are addressing different slave modules. On top of the Cortex-Mx Harvard architecture
and dual AHB port DMAs, this structure enhances data transfer parallelism, thus
contributing to reduce the execution time, and optimizing the DMA efficiency and power
consumption.
2.1.1
Definitions
•
AHB master: a bus master is able to initiate read and write operations. Only one master
can win bus ownership at a defined time period.
•
AHB slave: a bus slave response to master read or write operations. The bus slave
signals back to master success, failure or waiting states.
•
AHB arbiter: a bus arbiter insures that only one master can initiate a read or write
operation at one time.
•
AHB bus matrix: a multi-layer AHB bus matrix that interconnects AHB masters to AHB
slaves with dedicated AHB arbiter for each layer. The arbitration uses a round-robin
algorithm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36