전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4387 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 AN4387
상세설명  BlueNRG is a very low power Bluetooth low energy
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4387 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button AN4387 Datasheet HTML 2Page - STMicroelectronics AN4387 Datasheet HTML 3Page - STMicroelectronics AN4387 Datasheet HTML 4Page - STMicroelectronics AN4387 Datasheet HTML 5Page - STMicroelectronics AN4387 Datasheet HTML 6Page - STMicroelectronics AN4387 Datasheet HTML 7Page - STMicroelectronics AN4387 Datasheet HTML 8Page - STMicroelectronics AN4387 Datasheet HTML 9Page - STMicroelectronics AN4387 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Application circuit
AN4387
6/22
DocID025465 Rev 1
3
Application circuit
Figure 2 shows the BlueNRG application board photo. The application is constituted from 2
boards: a daughterboard and a motherboard. The daughterboard (see Figure 1) holds the
BlueNRG with the circuits necessary for its works. The Bluetooth low energy protocol stack
(GAP, GATT, SM, L2CAP, LL, RF-PHY) is embedded on the device.
For the correctly functionality, the daughterboard have to be plugged on a motherboard (see
Figure 2) by two header 5 x 2 connectors (J6 and J7).
The motherboard is provided with a STM32L152VBT6 microcontroller to correctly program
the transceiver. The micro is programmed with a firmware developed for BlueNRG
application. A graphical user interface (GUI) is developed to program correctly the
BlueNRG.
The daughterboard is provided with a 16 MHz XTAL to provide the correct oscillator to the
BlueNRG. Also a low speed crystal oscillator is mounted on the board and used from
BlueNRG.
An internal SMPS is present on the BlueNRG to drastically reduce the power consumption.
The SMPS is fed from the battery (2.0 V to 3.6 V) and provide to device a programmable
voltage (1.4 V usually).
A SMA connector is present to connect the board at antenna or at instrumentation to verify
the correct functionality and verify the FCC standard requests.
A few of passive (inductors and capacitors) are used as matching/filtering for the power
amplifier (PA) and balun network for the receiver.
Figure 1. BlueNRG application daughterboard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com